Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD-020N002M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-020N002M
Description  20 x 2 Character LCD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-020N002M Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-020N002M_V01 Datasheet HTML 1Page - Vishay Siliconix LCD-020N002M_V01 Datasheet HTML 2Page - Vishay Siliconix LCD-020N002M_V01 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD-020N002M
www.vishay.com
Vishay
Revision: 09-Oct-12
2
Document Number: 37311
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1
VSS
Ground
2
VDD
+ 3 V or + 5 V
3
V0
Contrast adjustment
4
RS
H/L register select signal
5
R/W
H/L read/write signal
6E
H
 L enable signal
7
DB0
H/L data bus line
8
DB1
H/L data bus line
9
DB2
H/L data bus line
10
DB3
H/L data bus line
11
DB4
H/L data bus line
12
DB5
H/L data bus line
13
DB6
H/L data bus line
14
DB7
H/L data bus line
15
A/VEE
+ 4.2 V for LED (RA = 0 )/negative voltage output
16
K
Power supply for B/L (0 V)
DIMENSIONS in millimeters
6.0
4.84
0.98
0.92
Dot Size
Model Height
H1
H2
13.7
9.1
9.7
5.1
LED
EL
H2
H1 Max.
1.6
18
3.5
146.0 ± 0.5
38.1 (P2.54 x 15)
116
A
K
73.0
139.0
118.84 (AA)
134.0
123.0 (VA)
4 x Ø 3.5
1.8
1.5
K
A
1.5
2.5
8 x Ø 1.0
16 x Ø 1.0 PTH
16 x Ø 1.8 PAD


Similar Part No. - LCD-020N002M_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020N002M VISHAY-LCD-020N002M_V02 Datasheet
73Kb / 3P
20 x 2 Character LCD
01-Jan-2023
More results

Similar Description - LCD-020N002M_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020M002A VISHAY-LCD-020M002A Datasheet
114Kb / 3P
20 x 2 Character LCD
Revision 01-Oct-02
LCD-020M002L VISHAY-LCD-020M002L_08 Datasheet
112Kb / 3P
20 x 2 Character LCD
Revision 01-Oct-02
LCD-020M002M VISHAY-LCD-020M002M Datasheet
114Kb / 3P
20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002A VISHAY-LCD-020N002A Datasheet
76Kb / 3P
20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002D VISHAY-LCD-020N002D Datasheet
73Kb / 3P
20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002M VISHAY-LCD-020N002M Datasheet
75Kb / 3P
20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002D VISHAY-LCD-020N002D_V01 Datasheet
70Kb / 3P
20 x 2 Character LCD
01-Jan-2022
LCD-020N002L VISHAY-LCD-020N002L_V01 Datasheet
74Kb / 3P
20 x 2 Character LCD
01-Jan-2022
LCD-020N002A VISHAY-LCD-020N002A_V02 Datasheet
74Kb / 3P
20 x 2 Character LCD
01-Jan-2023
LCD-020N002D VISHAY-LCD-020N002D_V02 Datasheet
71Kb / 3P
20 x 2 Character LCD
01-Jan-2023
LCD-020N002M VISHAY-LCD-020N002M_V02 Datasheet
73Kb / 3P
20 x 2 Character LCD
01-Jan-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com