Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD-020N002M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCD-020N002M
Description  20 x 2 Character LCD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-020N002M Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-020N002M_V01 Datasheet HTML 1Page - Vishay Siliconix LCD-020N002M_V01 Datasheet HTML 2Page - Vishay Siliconix LCD-020N002M_V01 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCD-020N002M
www.vishay.com
Vishay
Revision: 09-Oct-12
1
Document Number: 37311
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
20 x 2 Character LCD
FEATURES
• Type: Character
• Display format: 20 x 2 characters
• Built-in controller: ST 7066 (or equivalent)
• Duty cycle: 1/16
• 5 x 8 dots includes cursor
• + 5 V power supply (also available for + 3 V)
• B/L can be driven by pin 1, pin 2, pin 15, pin 16 or A and K
• N.V. optional for + 3 V power supply
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
•VSS = 0 V, VDD = 5.0 V
For detailed information, please see the “Product Numbering System” document.
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
146.0 x 43.0
mm
Viewing Area
123.0 x 23.0
Dot Size
0.92 x 1.10
Dot Pitch
0.98 x 1.16
Mounting Hole
139.0 x 36.0
Character Size
4.84 x 9.22
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD to VSS
- 0.3
-
7.0
V
Input Voltage
VI
- 0.3
-
VDD
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5 V
4.7
5.0
5.3
V
VDD = + 3 V
2.7
3.0
5.3
V
Supply Current
IDD
VDD = + 5 V
-1.65-
mA
Recommended LC Driving
Voltage for Normal Temperature
Version Module
VDD to V0
- 20 °C
5.0
5.1
5.7
V
0 °C
4.6
4.8
5.2
25 °C
4.1
4.5
4.7
50 °C
3.9
4.2
4.5
70 °C
3.7
3.9
4.3
EL Power Supply Current
IEL
VEL = 110 VAC, 400 Hz
--
5.0
mA
OPTIONS
PROCESS COLOR
BACKLIGHT
TN
STN
Gray
STN
Yellow
STN
Blue
FSTN
B&W
STN
Color
None
LED
EL
CCFL
xxxxx
xxx
DISPLAY CHARACTER ADDRESS CODE
Display Position
123456789
10
11
12
13
14
15
16
17
18
19
20
DD RAM Address
00010203040506070809
0A
0B
0C
0D
0E
0F
10
11
12
13
DD RAM Address
40414243444546474849
4A
4B
4C
4D
4E
4F
50
51
52
53


Similar Part No. - LCD-020N002M_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020N002M VISHAY-LCD-020N002M_V02 Datasheet
73Kb / 3P
20 x 2 Character LCD
01-Jan-2023
More results

Similar Description - LCD-020N002M_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020M002A VISHAY-LCD-020M002A Datasheet
114Kb / 3P
20 x 2 Character LCD
Revision 01-Oct-02
LCD-020M002L VISHAY-LCD-020M002L_08 Datasheet
112Kb / 3P
20 x 2 Character LCD
Revision 01-Oct-02
LCD-020M002M VISHAY-LCD-020M002M Datasheet
114Kb / 3P
20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002A VISHAY-LCD-020N002A Datasheet
76Kb / 3P
20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002D VISHAY-LCD-020N002D Datasheet
73Kb / 3P
20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002M VISHAY-LCD-020N002M Datasheet
75Kb / 3P
20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002D VISHAY-LCD-020N002D_V01 Datasheet
70Kb / 3P
20 x 2 Character LCD
01-Jan-2022
LCD-020N002L VISHAY-LCD-020N002L_V01 Datasheet
74Kb / 3P
20 x 2 Character LCD
01-Jan-2022
LCD-020N002A VISHAY-LCD-020N002A_V02 Datasheet
74Kb / 3P
20 x 2 Character LCD
01-Jan-2023
LCD-020N002D VISHAY-LCD-020N002D_V02 Datasheet
71Kb / 3P
20 x 2 Character LCD
01-Jan-2023
LCD-020N002M VISHAY-LCD-020N002M_V02 Datasheet
73Kb / 3P
20 x 2 Character LCD
01-Jan-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com