Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2530GY Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2530GY
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2530GY Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2530GY Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2530GY Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2530GY Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2530GY Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2530GY Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2530GY Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2530GY Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Power
N AND P-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Low Gate Charge
N-CH BVDSS
30V
▼ Low On-resistance
RDS(ON)
72mΩ
▼ Surface Mount Package
ID
3.3A
▼ RoHS Compliant
P-CH
BVDSS
-30V
RDS(ON)
150mΩ
Description
ID
-2.3A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TA=25℃
Continuous Drain Current
3
3.3
-2.3
A
ID@TA=70℃
Continuous Drain Current
3
2.6
-1.8
A
IDM
Pulsed Drain Current
1
10
-10
A
PD@TA=25℃
Total Power Dissipation
1.14
W
Linear Derating Factor
0.01
W/℃
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Thermal Data
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
110
℃/W
Data and specifications subject to change without notice
Parameter
200425051-1/7
AP2530GY
Pb Free Plating Product
G2
D2
S2
G1
D1
S1
D1
S1
G1
S2
G2
D2
SOT-26
Advanced Power MOSFETs utilized advanced processing
techniques to achieve the lowest possible on-resistance, extremely
efficient and cost-effectiveness device.
The SOT-26 package is universally used for all commercial-industrial
applications.


Similar Part No. - AP2530GY

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2530GY-HF A-POWER-AP2530GY-HF Datasheet
91Kb / 7P
Low Gate Charge, Low On-resistance
AP2530GY-HF A-POWER-AP2530GY-HF_14 Datasheet
91Kb / 7P
Surface Mount Package
AP2530GY-HF A-POWER-AP2530GY-HF_16 Datasheet
88Kb / 8P
Surface Mount Package
More results

Similar Description - AP2530GY

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com