Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APD-128G032A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # APD-128G032A
Description  Plasma Display Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

APD-128G032A Datasheet(HTML) 1 Page - Vishay Siliconix

  APD-128G032A Datasheet HTML 1Page - Vishay Siliconix APD-128G032A Datasheet HTML 2Page - Vishay Siliconix APD-128G032A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 37007
Revision 24-Nov-00
www.vishay.com
2
APD-128G032A
Vishay Dale
Plasma Display Modules
128 x 32 Graphics Display with Drive Electronics
TTL Level Data Interface and Integrated DC Converter
FEATURES
• TTL level video interface
• Large characters
• Highly visible for long distance viewing
• Slim profile
> 30:1 contrast ratio
• On board DC/DC converter
• Bright and pleasant neon orange color
• Very affordable
OPTICAL SPECIFICATIONS
Viewing Area: 12.75" [323.8mm] W x 3.15" [80.01mm] L.
Character Array: (8 x 8) 16 x 4. (6 x 8) 21 x 4.
Character Size: 0.65" [16.51mm] H x 0.45" [11.43mm] W.
Pixel Size: 0.050" [1.27mm].
Pixel Pitch: 0.100" [2.54mm].
Luminance: 50 foot lamberts.
ELECTRICAL SPECIFICATIONS
Voltage(s) Required: VDC: + 12 to + 24 VDC. Vcc: + 5 VDC.
Power Required: Typical = 12 watts. Maximum = 45 watts.
The APD-128G032A DC plasma display offers viewing qualities designers seek such as high contrast, viewing angle of 150
°
minimum and long distance readability. Its bright (50 foot Lambert minimum) with characters and graphics figures presented
in a pleasing neon orange color against a black background. Plasma is much more readable and eye-pleasing than liquid
crystal or vacuum fluorescent displays and is filterable to red, amber or neutral density.
These plasma display panels are driven in a standard row-column refresh method much like a CRT display. The designer
need only supply TTL level signals for SERIAL DATA, DOT CLOCK, COLUMN LATCH, ROW DATA, ROW CLOCK and
DISPLAY ENABLE. The SERIAL DATA is entered with the DOT CLOCK up to frequencies as high as 8MHz. After a row of
128 pixels is clocked in, the COLUMN LATCH signal is toggled and the data is latched. At the time the data is latched, the
display is briefly disabled using the DISPLAY ENABLE signal, then the row pointer is advanced with the ROW CLOCK
signal. Once each frame the ROW DATA must be asserted to synchronize the column serial data with the beginning row.
The recommended scanning frequency is approximately 70Hz, but may be as high as 200Hz. The high clock rate on the
data clock allows for rapid refresh and maximum access time to the refresh ram.
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
Display Module with Drivers, TTL Interface and On Board DC Converter ......................................................................... APD-128G032A
Power Connector ........................................................................................................................................................................ 280108-13
Data Connector ........................................................................................................................................................................... 280105-05
STANDARD ELECTRICAL SPECIFICATIONS*
*Recommended operating voltages. All maximums are absolute maximum.
DESCRIPTION
SYMBOL
MIN.
TYP.
MAX.
UNITS
DC converter input
VDC
+ 10.0
+ 24.0
+ 28.0
VDC
DC converter power
Amps
Screen Clear
50% Lit
100% Lit
@ + 12 V
0.100
1.7
3.5
Logic 1 input
Vih
2.0
——
VDC
Logic 0 input
Vil
——
0.8
VDC


Similar Part No. - APD-128G032A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-128G032 VISHAY-APD-128G032 Datasheet
51Kb / 1P
Plasma Display Modules 128 x 32 Graphics Display with Drive Electronics and TTL Level Data Interface
Revision 16-Nov-00
APD-128G032 VISHAY-APD-128G032 Datasheet
156Kb / 3P
Plasma Display Modules
18-Jul-08
APD-128G032 VISHAY-APD-128G032_V01 Datasheet
156Kb / 3P
Plasma Display Modules
18-Jul-08
More results

Similar Description - APD-128G032A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-128G032 VISHAY-APD-128G032_V01 Datasheet
156Kb / 3P
Plasma Display Modules
18-Jul-08
APD-128G064 VISHAY-APD-128G064 Datasheet
63Kb / 3P
Plasma Display Modules
18-Jul-08
APD-128G064A VISHAY-APD-128G064A Datasheet
48Kb / 1P
Plasma Display Modules
Revision 08-Nov-00
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
Plasma Panel Display Modules
Revision 21-Dec-00
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
Plasma Panel Display Modules
18-Jul-08
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
Plasma Panel Display Modules
18-Jul-08
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
Plasma Panel Display Modules
18-Jul-08
APD-240M026A VISHAY-APD-240M026A Datasheet
60Kb / 2P
PLASMA PANER DISPLAY MODULES
Revision 05-Dec-00
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
Plasma Panel Display Modules
18-Jul-08
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com