Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP180N4F6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP180N4F6
Description  N-channel 40 V, 2.1typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP180N4F6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP180N4F6 Datasheet HTML 5Page - STMicroelectronics STP180N4F6 Datasheet HTML 6Page - STMicroelectronics STP180N4F6 Datasheet HTML 7Page - STMicroelectronics STP180N4F6 Datasheet HTML 8Page - STMicroelectronics STP180N4F6 Datasheet HTML 9Page - STMicroelectronics STP180N4F6 Datasheet HTML 10Page - STMicroelectronics STP180N4F6 Datasheet HTML 11Page - STMicroelectronics STP180N4F6 Datasheet HTML 12Page - STMicroelectronics STP180N4F6 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STP180N4F6
Package information
DocID028221 Rev 2
9/13
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.


Similar Part No. - STP180N4F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP180N10F3 STMICROELECTRONICS-STP180N10F3 Datasheet
256Kb / 12P
N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
logo
Inchange Semiconductor ...
STP180N10F3 ISC-STP180N10F3 Datasheet
199Kb / 2P
N-Channel MOSFET Transistor
logo
STMicroelectronics
STP180N55 STMICROELECTRONICS-STP180N55 Datasheet
178Kb / 11P
N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
STP180N55F3 STMICROELECTRONICS-STP180N55F3 Datasheet
440Kb / 14P
N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
logo
VBsemi Electronics Co.,...
STP180N55F3 VBSEMI-STP180N55F3 Datasheet
1Mb / 8P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STP180N4F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP90N6F6 STMICROELECTRONICS-STP90N6F6 Datasheet
380Kb / 13P
N-channel 60 V, 0.0057 廓 typ., 90 A STripFET??F6 Power MOSFET in a TO-220 package
March 2015 Rev 3
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
October 2015
STI175N4F6AG STMICROELECTRONICS-STI175N4F6AG Datasheet
654Kb / 12P
Automotive-grade N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in an I²PAK package
January 2016
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
DS11198 - Rev 5 - April 2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
June 2016
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
October 2016
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
April 2014
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
June 2016
STW265N6F6AG STMICROELECTRONICS-STW265N6F6AG Datasheet
630Kb / 12P
Automotive N-channel 60 V, 2.3 mΩ typ., 180 A STripFET™ F6 Power MOSFET in a TO-247 package
November 2016
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 3 - November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com