Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT50NS65D Datasheet(PDF) 1 Page - Rohm

Part # RGT50NS65D
Description  650V 25A Field Stop Trench IGBT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGT50NS65D Datasheet(HTML) 1 Page - Rohm

  RGT50NS65D Datasheet HTML 1Page - Rohm RGT50NS65D Datasheet HTML 2Page - Rohm RGT50NS65D Datasheet HTML 3Page - Rohm RGT50NS65D Datasheet HTML 4Page - Rohm RGT50NS65D Datasheet HTML 5Page - Rohm RGT50NS65D Datasheet HTML 6Page - Rohm RGT50NS65D Datasheet HTML 7Page - Rohm RGT50NS65D Datasheet HTML 8Page - Rohm RGT50NS65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
RGT50NS65D
650V 25A Field Stop Trench IGBT
*1 Pulse width limited by Tjmax.
Collector Current
TC = 25°C
IC
48
A
TC = 100°C
IC
25
A
Collector - Emitter Voltage
VCES
650
V
Gate - Emitter Voltage
VGES
30
V
lAbsolute Maximum Ratings (at T
C = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Welder
Packing Code
TL / C9
Marking
RGT50NS65D
5) Pb - free Lead Plating ; RoHS Compliant
lPackaging Specifications
lApplications
Type
Packaging
Taping / Tube
General Inverter
Reel Size (mm)
330 / -
UPS
Tape Width (mm)
24 / -
Power Conditioner
Basic Ordering Unit (pcs) 1,000 / 1,000
lFeatures
lInner Circuit
1) Low Collector - Emitter Saturation Voltage
2) Low Switching Loss
3) Short Circuit Withstand Time 5μs
4) Built in Very Fast & Soft Recovery FRD
(RFN - Series)
lOutline
VCES
650V
LPDS / TO-262
IC(100°C)
25A
VCE(sat) (Typ.)
1.65V
PD
194W
75
A
Diode Forward Current
TC = 25°C
IF
35
A
TC = 100°C
IF
20
A
Pulsed Collector Current
ICP
*1
Diode Pulsed Forward Current
IFP
*1
75
A
Power Dissipation
TC = 25°C
PD
194
W
TC = 100°C
PD
97
W
Operating Junction Temperature
Tj
-40 to +175
°C
Storage Temperature
Tstg
-55 to +175
°C
(1) Gate
(2) Collector
(3) Emitter
*1
*1 Built in FRD
(1)
(2)
(3)
(1)
(2)
(3)
(1)(2)(3)
1/11
2016.01 - Rev.A


Similar Part No. - RGT50NS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT50NL65D ROHM-RGT50NL65D Datasheet
1Mb / 13P
   650V 25A Field Stop Trench IGBT
logo
Inchange Semiconductor ...
RGT50NL65DGTL ISC-RGT50NL65DGTL Datasheet
330Kb / 2P
   Trench gate Field-Stop IGBT
More results

Similar Description - RGT50NS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT50NL65D ROHM-RGT50NL65D Datasheet
1Mb / 13P
   650V 25A Field Stop Trench IGBT
RGTH50TK65 ROHM-RGTH50TK65 Datasheet
740Kb / 11P
   650V 25A Field Stop Trench IGBT
RGTH50TK65D ROHM-RGTH50TK65D Datasheet
882Kb / 13P
   650V 25A Field Stop Trench IGBT
RGT50TS65D ROHM-RGT50TS65D Datasheet
735Kb / 12P
   650V 25A Field Stop Trench IGBT
RGT50TM65D ROHM-RGT50TM65D Datasheet
1Mb / 13P
   650V 25A Field Stop Trench IGBT
RGTH50TS65 ROHM-RGTH50TS65 Datasheet
682Kb / 10P
   650V 25A Field Stop Trench IGBT
RGTH50TS65D ROHM-RGTH50TS65D Datasheet
731Kb / 12P
   650V 25A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HM25N135FT HMSEMI-HM25N135FT Datasheet
752Kb / 9P
   1350V /25A Trench Field Stop IGBT
logo
Fairchild Semiconductor
FGH25N120FTDS FAIRCHILD-FGH25N120FTDS Datasheet
711Kb / 9P
   1200V, 25A Field Stop Trench IGBT
FGA25N120FTD FAIRCHILD-FGA25N120FTD Datasheet
815Kb / 9P
   1200V, 25A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com