Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3119 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3119
Description  High Efficiency 2X Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3119 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3119 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AAT3119
High Efficiency 2X Charge Pump
3119.2005.08.1.1
11
In the operating state, the AAT3119 typically con-
sumes 2mA of quiescent operating current. The
enable pin (EN) is an active high input. When
pulled low, the AAT3119 is shut down, the quies-
cent current drops to less than 1µA, and the output
is disconnected from the input.
Charge Pump Efficiency
The core of the AAT3119 is a regulated output volt-
age doubling charge pump. The efficiency (η) for
an ideal voltage doubling charge pump can typical-
ly be expressed as the output power divided by the
input power:
In addition, with an ideal voltage doubling charge
pump, the output current may be expressed as half
the input current. The expression to define the ideal
efficiency (η) can be rewritten as:
-or-
For a charge pump with an output of 5.0 volts and
a nominal input of 3.0 volts, the theoretical efficien-
cy is 83.3%. Due to internal switching losses and
IC quiescent current consumption, the actual effi-
ciency can be measured at approximately 82%.
Efficiency will decrease as the level of VIN
approaches that of the regulated VOUT. Refer to
the device typical characteristics curves for expect-
ed actual efficiency based on either input voltage or
load current.
Capacitor Selection
Careful selection of the three external capacitors
(CIN, CFLY, and COUT) is important because they will
affect turn-on time, output ripple, efficiency, and
load transient response. Optimum performance will
be obtained when low equivalent series resistance
(ESR) ceramic capacitors are used. In general, low
ESR may be defined as less than 100mΩ. A value
of 1µF for all three capacitors is a good starting
point when designing with the AAT3119. This not
only provides for a very small printed circuit board
area, but cost is further reduced by the minimized
bill of materials.
Input Capacitor
A 1µF multilayer ceramic chip capacitor is suggest-
ed for the input. This capacitor should be connect-
ed between the IN pin and ground. 1µF should be
suitable for most applications. Even though the
AAT3119 switching ripple and noise are very low,
back-injected line noise may be further reduced by
increasing the value of CIN. Other types of capaci-
tors may be used for CIN at the cost of compro-
mised circuit performance.
Output Capacitor
The output capacitor (COUT) should be connected
between the OUT pin and ground. A 1µF ceramic
capacitor is also suggested in this position.
Switching noise and ripple seen on the charge
pump output increases with load current. Typically
1µF is sufficient for minimizing output ripple seen
by the load circuit. If the load current in an appli-
cation is low, or if higher levels of switching ripple
can be tolerated, COUT can be reduced as low as
0.33µF. If application circuits with greater load cur-
rent demands require lower switching ripple ampli-
tudes, COUT may be increased to values above
1µF. Capacitor types other than ceramic capaci-
tors can be used for COUT. However, capacitors
comprised of materials other than ceramic will typ-
ically have a greater value of ESR, resulting in
increased output switching ripple.
η(%) = 100
V
OUT
2V
IN
⎛⎞
⎝⎠
η =
P
OUT =
V
OUT
× IOUT = VOUT
P
IN
V
IN
× 2IOUT
2V
IN
η =
P
OUT
P
IN


Similar Part No. - AAT3119

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119 SKYWORKS-AAT3119 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-4.5-T1 ANALOGICTECH-AAT3119IJS-4.5-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119IJS-4.5-T1 SKYWORKS-AAT3119IJS-4.5-T1 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-5.0-T1 ANALOGICTECH-AAT3119IJS-5.0-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
More results

Similar Description - AAT3119

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com