Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3119 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3119
Description  High Efficiency 2X Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3119 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3119 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAT3119
High Efficiency 2X Charge Pump
10
3119.2005.08.1.1
Functional Block Diagram
OUT
Voltage
Reference
Soft Start
1MHz
Oscillator
Charge
Pump
C1+
C1-
GND
EN
IN
Functional Description
The AAT3119 is a 5.0V or 4.5V regulated voltage
doubling charge pump device intended for general
applications that require low noise voltage boost
function from input supplies ranging from 2.7V to
5.5V. The charge pump is capable maintaining the
regulated voltage output for continuous output cur-
rent loads up to 150mA. This makes the AAT3119
ideal for general purpose voltage boost applica-
tions, driving white and RGB color LEDs, as well as
USB OTG VBUS supplies in portable products. The
AAT3119 charge pump and regulation circuit is
also capable of supplying peak pulse currents up to
250mA for 500ms. This makes the device suitable
for many photo-flash LED applications.
The AAT3119 accomplishes the voltage boost func-
tion by utilizing a voltage doubling (2X) charge
pump. The charge pump block within the device
uses low RDS MOSFET switches to transfer charge
from the input to output via a flying capacitor (CFLY).
This switching process is performed over two phas-
es of each clock cycle which is set by the fixed
1.2MHz internal oscillator. On the first phase of
each clock cycle, the flying capacitor is placed in
parallel with the input (IN) and is charged to the
level of the input voltage across CIN. On the second
phase of the switching cycle, the flying capacitor is
reconfigured by the internal switches and placed in
series with the input capacitor. CIN and CFLY are
then placed across the output capacitor (COUT).
The voltage seen on COUT is then two times that of
CIN. The AAT3119 contains an internal reference
and feedback system that senses the charge pump
output and controls the charge pump function to
maintain an accurate regulated output voltage.
Because of the fixed 1.2MHz high frequency inter-
nal oscillator, the input, output, and flying capaci-
tors are very small.
This circuit architecture
requires only one 1µF ceramic capacitor for the
charge pump flying capacitor (CFLY) and one 1µF
ceramic capacitor for both CIN and COUT.
The AAT3119 has a soft-start circuit to prohibit in-
rush current when the device is enabled. This fea-
ture guarantees a smooth transition to the desired
output voltage when the device is turned on. The
system soft-start circuit is particularly useful in
white LED backlight applications where the use of
a PWM signal is employed as an LED dimming
function. In limiting the input inrush current each
time the device is turned on, the soft-start circuit
helps minimize back-injected switching noise and
transient supply current.


Similar Part No. - AAT3119

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119 SKYWORKS-AAT3119 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-4.5-T1 ANALOGICTECH-AAT3119IJS-4.5-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119IJS-4.5-T1 SKYWORKS-AAT3119IJS-4.5-T1 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-5.0-T1 ANALOGICTECH-AAT3119IJS-5.0-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
More results

Similar Description - AAT3119

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com