Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3119 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3119
Description  High Efficiency 2X Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3119 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3119 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The AAT3119 is a general purpose high efficiency
voltage regulated charge pump IC that can produce
output current levels up to 150mA. As a voltage
regulated output device, it may be used for general
voltage boost applications or to power white, RGB,
or flash type LEDs from a 2.7V to 5.5V input.
The voltage doubling charge pump architecture of
the AAT3119 provides for a low external part count;
just three small ceramic capacitors are needed.
This makes the AAT3119 ideally suited for small
battery-powered applications. This device oper-
ates from a fixed high frequency 1.2MHz oscillator
which enables the use of very small external
capacitors, one 1µF flying capacitor, and two 1µF
bypass capacitors at IN and OUT.
The AAT3119 has built-in soft-start circuitry which
prevents excessive inrush current from the source
supply during startup. A low-current shutdown fea-
ture disconnects the load from VIN and reduces
quiescent current to less than 1.0µA when the
device is disabled. The AAT3119 is available in a
Pb-free, 8-pin SC70JW package and is rated over
the -40°C to +85°C temperature range.
Features
•VIN Range: 2.7V to 5.5V
150mA of Output Current
— Peak Current up to 250mA
Regulated Output Voltage
1.2MHz Switching Frequency
Low Noise Constant Frequency Operation
<1.0µA of Shutdown Current
Automatic Soft Start
Small Application Circuit
Inductorless Boost
8-Pin SC70JW Package
-40°C to +85°C Temperature Range
Applications
Cellular Phones
Digital Cameras
Handheld Electronics
PDAs
White LED Backlighting
White LED Camera Flash
AAT3119
High Efficiency 2X Charge Pump
Typical Application
AAT3119
IN
GND
EN
OUT
COUT
C
IN
1µF
1µF
1µF
C+
C-
C
FLY
Enable
V
IN
V
OUT
3119.2005.08.1.1
1
ChargePump


Similar Part No. - AAT3119

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119 SKYWORKS-AAT3119 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-4.5-T1 ANALOGICTECH-AAT3119IJS-4.5-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119IJS-4.5-T1 SKYWORKS-AAT3119IJS-4.5-T1 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-5.0-T1 ANALOGICTECH-AAT3119IJS-5.0-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
More results

Similar Description - AAT3119

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com