Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3119 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3119
Description  High Efficiency 2X Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3119 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3119 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics
1
VIN = 3.3V; CIN = COUT = CFLY = 1.0µF; TA = -40°C to 85°C, unless otherwise noted. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max Units
AAT3119-5.0
Power Supply
VIN
Input Voltage Range
2.7
5.5
V
VOUT
Output Voltage Tolerance 2.7V < VIN < 5V, IOUT = 50mA
±4%
Output Voltage
3.0V < VIN < 5V, IOUT = 100mA
4.8
5.0
5.2
V
ICC
Operating Current
VIN = 5.0V, Active, No Load Current
2.0
4.5
mA
ISHDN
Shutdown Current
EN = 0
1.0
µA
IOUT
Maximum Output Current 3.0 ≤ VIN ≤ 5.5
150
mA
η
Efficiency
VIN = 3.0V, IOUT = 100mA
82
%
EN
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
EN = 5.5V
1.4
V
Ii
Enable Input Current
-1.0
1.0
µA
Charge Pump
TSS
Soft-Start Time
200
µs
FCLK
Clock Frequency
1200
kHz
AAT3119-4.5
Power Supply
VIN
Input Voltage Range
2.7
5.5
V
VOUT
2.7V < VIN < 5V, IOUT = 50mA
±4%
Output Voltage
3.0V < VIN < 5V, IOUT = 100mA
4.32 4.5
4.68
V
ICC
Operating Current
VIN = 4.5V, Active, No Load Current
2.0
4.5
mA
ISHDN
Shutdown Current
EN = 0
1.0
µA
IOUT
Maximum Output Current 3.0 ≤ VIN ≤ 5.5
150
mA
η
Efficiency
VIN = 2.7V, IOUT = 100mA
82
%
EN
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
EN = 5.5V
1.4
V
Ii
Enable Input Current
-1.0
1.0
µA
Charge Pump
TSS
Soft-Start Time
200
µs
FCLK
Clock Frequency
1200
kHz
AAT3119
High Efficiency 2X Charge Pump
4
3119.2005.08.1.1
1. The AAT3119 is guaranteed to meet performance specifications from 0°C to 70°C. Specification over the -40°C to +85°C operating
temperature range is assured by design, characterization, and correlation with statistical process controls.


Similar Part No. - AAT3119

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119 SKYWORKS-AAT3119 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-4.5-T1 ANALOGICTECH-AAT3119IJS-4.5-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119IJS-4.5-T1 SKYWORKS-AAT3119IJS-4.5-T1 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-5.0-T1 ANALOGICTECH-AAT3119IJS-5.0-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
More results

Similar Description - AAT3119

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com