Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3119 Datasheet(PDF) 14 Page - Advanced Analogic Technologies

Part # AAT3119
Description  High Efficiency 2X Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3119 Datasheet(HTML) 14 Page - Advanced Analogic Technologies

Back Button AAT3119 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 15Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 16Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AAT3119
High Efficiency 2X Charge Pump
14
3119.2005.08.1.1
If a "light" or "movie" mode is also needed along
with the flash function, this can be accomplished
with the addition of a second ballast resistor with a
flash function gating MOSFET switch as shown in
Figure 3. Refer to the following equations for the
calculation of flash and light resistors, RF and RL.
Where:
RL
=
Light mode ballast resistor value in
ohms (Ω)
VOUT = Regulated charge pump output voltage
(typically 4.5V)
VF
=
Flash LED forward voltage at the
desired forward current
IF
=
Desired flash LED forward current in
the "light" mode
Where:
RF
=
Flash ballast resistor value in ohms (Ω)
RDS = Flash gating MOSFET on resistance
VOUT = Regulated charge pump output voltage
(typically 4.5V)
VF
=
Flash LED forward voltage at the
desired forward current
IF
=
Desired flash LED forward current
R
F =
- R
DS
(V
OUT - VF)
I
F
R
L =
(V
OUT - VF)
I
F
Figure 2: Flash LED Application.
AAT3119
IN
GND
EN
OUT
4.5V
COUT
C
IN
R
F
1µF
1µF
1µF
C
FLY
V
IN
Enable
Flash LED


Similar Part No. - AAT3119

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119 SKYWORKS-AAT3119 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-4.5-T1 ANALOGICTECH-AAT3119IJS-4.5-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119IJS-4.5-T1 SKYWORKS-AAT3119IJS-4.5-T1 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-5.0-T1 ANALOGICTECH-AAT3119IJS-5.0-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
More results

Similar Description - AAT3119

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com