Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3119 Datasheet(PDF) 13 Page - Advanced Analogic Technologies

Part # AAT3119
Description  High Efficiency 2X Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3119 Datasheet(HTML) 13 Page - Advanced Analogic Technologies

Back Button AAT3119 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 15Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 16Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Flash LED Driver
The AAT3119 can source 250mA for pulsed loads
up to 500ms from an input supply as low as 3.3V.
This makes the device well suited for low-cost flash
LED driver applications in portable products.
Typically the 4.5V output version of the AAT3119
should be selected for photo-flash LED applica-
tions, as it can maintain better voltage regulation at
higher pulsed load current levels (refer to Figure 2).
The limitation of this option is that the greatest flash
LED forward voltage (VF) that can be driven is 4.5V
at the maximum set forward current (IF) for the
application. Flash LEDs with forward voltage (VF)
levels up to 5.0V can be driven by the AAT3119
5.0V output option. However, the maximum cur-
rent for a 500ms pulse will be reduced. Refer to
the Typical Characteristics curves for peak output
current levels for a given minimum input voltage.
The forward current (IF) through the flash LED may
be determined with the use of a series ballast resis-
tor. The typical forward voltage (VF) for the flash
LED in a given application should be derived from
the LED manufacturer's datasheet for the desired
forward current (IF) of the flash application. Once
the forward current has been determined, the flash
ballast resistor can be calculated using the follow-
ing equation:
Where:
RF
=
Flash ballast resistor value in ohms (Ω)
VOUT = Regulated charge pump output voltage
(typically 4.5V)
VF
=
Flash LED forward voltage at the
desired forward current
IF
=
Desired flash LED forward current
The flash LED function can be controlled by the
AAT3119 enable pin in most applications. The
device start-up time into a maximum load is about
200µs, thus eliminating the need for pre-flash con-
trol synchronization.
R
F =
(V
OUT - VF)
I
F
AAT3119
High Efficiency 2X Charge Pump
3119.2005.08.1.1
13
Figure 1: White LED Driver.
AAT3119
IN
GND
EN
OUT
COUT
C
IN
1µF
1µF
1µF
C1+
C1-
D1
D2
D3
D4
D5
D6
C
FLY
R
B2
R
B3
R
B4
R
B5
R
B1
R
B6
V
BATTERY
Enable


Similar Part No. - AAT3119

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119 SKYWORKS-AAT3119 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-4.5-T1 ANALOGICTECH-AAT3119IJS-4.5-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Skyworks Solutions Inc.
AAT3119IJS-4.5-T1 SKYWORKS-AAT3119IJS-4.5-T1 Datasheet
1Mb / 15P
High Efficiency 2X Charge Pump
July 3, 2012
logo
Advanced Analogic Techn...
AAT3119IJS-5.0-T1 ANALOGICTECH-AAT3119IJS-5.0-T1 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
More results

Similar Description - AAT3119

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
High Efficiency 2X Charge Pump
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com