Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL260N4F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL260N4F7
Description  N-channel 40 V, 0.9typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL260N4F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL260N4F7 Datasheet HTML 1Page - STMicroelectronics STL260N4F7 Datasheet HTML 2Page - STMicroelectronics STL260N4F7 Datasheet HTML 3Page - STMicroelectronics STL260N4F7 Datasheet HTML 4Page - STMicroelectronics STL260N4F7 Datasheet HTML 5Page - STMicroelectronics STL260N4F7 Datasheet HTML 6Page - STMicroelectronics STL260N4F7 Datasheet HTML 7Page - STMicroelectronics STL260N4F7 Datasheet HTML 8Page - STMicroelectronics STL260N4F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5
6
7
8
1
2
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
NG4D5678S123
Features
Type
VDS
RDS(on) max.
ID
STL260N4F7
40 V
1.1 mΩ
120 A
Among the lowest RDS(on) on the market
Excellent FoM (figure of merit)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes STripFET F7 technology with an enhanced
trench gate structure that results in very low on-state resistance, while also reducing
internal capacitance and gate charge for faster and more efficient switching.
Product status link
STL260N4F7
Product summary
Order code
STL260N4F7
Marking
260N4F7
Package
PowerFLAT™ 5x6
Packing
Tape and reel
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a
PowerFLAT 5x6 package
STL260N4F7
Datasheet
DS11198 - Rev 5 - April 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STL260N4F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
   N-channel 40 V, 0.85 m廓 typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
More results

Similar Description - STL260N4F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
   N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 3 - November 2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
   Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
June 2016
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
   N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Description
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
   N-channel 40 V, 0.85 m廓 typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
   N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
June 2016
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
   N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 3 - January 2020
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
   N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
November 2015
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
   Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
January 2018
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
   Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
January 2016 Rev 1
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
   Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
February 2017 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com