Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX405AL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX405AL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX405AL Datasheet(HTML) 1 Page - Sony Corporation

  ICX405AL Datasheet HTML 1Page - Sony Corporation ICX405AL Datasheet HTML 2Page - Sony Corporation ICX405AL Datasheet HTML 3Page - Sony Corporation ICX405AL Datasheet HTML 4Page - Sony Corporation ICX405AL Datasheet HTML 5Page - Sony Corporation ICX405AL Datasheet HTML 6Page - Sony Corporation ICX405AL Datasheet HTML 7Page - Sony Corporation ICX405AL Datasheet HTML 8Page - Sony Corporation ICX405AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ICX405AL
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Description
The ICX405AL is an interline CCD solid-state
image sensor suitable for CCIR B/W video cameras
with a diagonal 6mm (Type 1/3) system. Compared
with the conventional product ICX055BL, basic
characteristics such as sensitivity, smear, dynamic
range and S/N are improved drastically.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time.
This chip is suitable for applications such as surveillance
cameras, automotive cameras, etc.
Features
• High sensitivity (+4dB compared with the ICX055BL)
• Low smear (–20dB compared with the ICX055BL)
• High D range (+3dB compared with the ICX055BL)
• High S/N
• Low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)
• Reset gate:
5V drive
• Horizontal register: 5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm (Type 1/3)
• Number of effective pixels: 500 (H)
× 582 (V) approx. 290K pixels
• Total number of pixels:
537 (H)
× 597 (V) approx. 320K pixels
• Chip size:
5.59mm (H)
× 4.68mm (V)
• Unit cell size:
9.8µm (H)
× 6.3µm (V)
• Optical black:
Horizontal (H) direction : Front 7 pixels, rear 30 pixels
Vertical (V) direction
: Front 14 pixels, rear 1 pixel
• Number of dummy bits:
Horizontal 16
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
E00608A14-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
7
30
1
14
Pin 9
H
Optical black position
(Top View)
16 pin DIP (Plastic)
Super HAD CCD is a trademark of Sony Corporation. The Super HAD CCD is a version of Sony's high performance CCD HAD (Hole-
Accumulation Diode) sensor with sharply improved sensitivity by the incorporation of a new semiconductor technology developed by Sony
Corporation.


Similar Part No. - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com