Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX405AL Datasheet(PDF) 6 Page - Sony Corporation

Part # ICX405AL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX405AL Datasheet(HTML) 6 Page - Sony Corporation

Back Button ICX405AL Datasheet HTML 2Page - Sony Corporation ICX405AL Datasheet HTML 3Page - Sony Corporation ICX405AL Datasheet HTML 4Page - Sony Corporation ICX405AL Datasheet HTML 5Page - Sony Corporation ICX405AL Datasheet HTML 6Page - Sony Corporation ICX405AL Datasheet HTML 7Page - Sony Corporation ICX405AL Datasheet HTML 8Page - Sony Corporation ICX405AL Datasheet HTML 9Page - Sony Corporation ICX405AL Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
– 6 –
ICX405AL
tr
twh
tf
90%
10%
twl
V
φH
VHL
(3) Horizontal transfer clock waveform
Point A
twl
V
φRG
VRGH
VRGL
VRGLH
RG waveform
VRGLL
H
φ1 waveform
twh
tr
tf
10%
VRGLm
(4) Reset gate clock waveform
VRGLH is the maximum value and VRGLL is the minimum value of the coupling waveform during the period from
Point A in the above diagram until the rising edge of RG. In addition, VRGL is the average value of VRGLH and
VRGLL.
VRGL = (VRGLH + VRGLL)/2
Assuming VRGH is the minimum value during the interval twh, then:
V
φRG = VRGH – VRGL
Negative overshoot level during the falling edge of RG is VRGLm.
(5) Substrate clock waveform
90%
100%
10%
0%
VSUB
tr
twh
tf
φM
φM
2
V
φSUB
(A bias generated within the CCD)


Similar Part No. - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com