Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX405AL Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX405AL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX405AL Datasheet(HTML) 2 Page - Sony Corporation

  ICX405AL Datasheet HTML 1Page - Sony Corporation ICX405AL Datasheet HTML 2Page - Sony Corporation ICX405AL Datasheet HTML 3Page - Sony Corporation ICX405AL Datasheet HTML 4Page - Sony Corporation ICX405AL Datasheet HTML 5Page - Sony Corporation ICX405AL Datasheet HTML 6Page - Sony Corporation ICX405AL Datasheet HTML 7Page - Sony Corporation ICX405AL Datasheet HTML 8Page - Sony Corporation ICX405AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
– 2 –
ICX405AL
Block Diagram and
Pin Configuration
(Top View)
6
7
Note)
Horizontal Register
2
3
4
8
1
10
11
12
14
9
16
13
15
5
Note)
: Photo sensor
Pin No.
1
2
3
4
5
6
7
8
V
φ4
V
φ3
V
φ2
V
φ1
GND
NC
NC
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
GND
Signal output
9
10
11
12
13
14
15
16
VDD
GND
φSUB
VL
φRG
NC
H
φ1
H
φ2
Supply voltage
GND
Substrate clock
Protective transistor bias
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
Symbol
Description
Pin No.
Description
Pin Description
Symbol
Absolute Maximum Ratings
1 +24V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
Against
φSUB
Against GND
Against VL
Between input clock
pins
Storage temperature
Operating temperature
–40 to +8
–50 to +15
–50 to +0.3
–40 to +0.3
–0.3 to +20
–10 to +18
–10 to +6
–0.3 to +28
–0.3 to +15
to +15
–6 to +6
–14 to +14
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
VDD, VOUT,
φRG – φSUB
V
φ1, Vφ3 – φSUB
V
φ2, Vφ4, VL – φSUB
H
φ1, Hφ2, GND – φSUB
VDD, VOUT,
φRG – GND
V
φ1, Vφ2, Vφ3, Vφ4 – GND
H
φ1, Hφ2 – GND
V
φ1, Vφ3 – VL
V
φ2, Vφ4, Hφ1, Hφ2, GND – VL
Voltage difference between vertical clock input pins
H
φ1 – Hφ2
H
φ1, Hφ2 – Vφ4
Item
Ratings
Unit
Remarks
1


Similar Part No. - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com