Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX405AL Datasheet(PDF) 16 Page - Sony Corporation

Part # ICX405AL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX405AL Datasheet(HTML) 16 Page - Sony Corporation

Back Button ICX405AL Datasheet HTML 9Page - Sony Corporation ICX405AL Datasheet HTML 10Page - Sony Corporation ICX405AL Datasheet HTML 11Page - Sony Corporation ICX405AL Datasheet HTML 12Page - Sony Corporation ICX405AL Datasheet HTML 13Page - Sony Corporation ICX405AL Datasheet HTML 14Page - Sony Corporation ICX405AL Datasheet HTML 15Page - Sony Corporation ICX405AL Datasheet HTML 16Page - Sony Corporation ICX405AL Datasheet HTML 17Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
– 16 –
ICX405AL
b) If a load is applied to the entire surface by a hard component, bending stress may be generated and the
package may fracture, etc., depending on the flatness of the bottom of the package. Therefore, for
installation, use either an elastic load, such as a spring plate, or an adhesive.
c) The adhesive may cause the marking on the rear surface to disappear, especially in case the regulated
voltage value is indicated on the rear surface. Therefore, the adhesive should not be applied to this area,
and indicated values should be transferred to the other locations as a precaution.
d) The notch of the package is used for directional index, and that can not be used for reference of fixing.
In addition, the cover glass and seal resin may overlap with the notch of the package.
e) If the lead bend repeatedly and the metal, etc., clash or rub against the package, the dust may be
generated by the fragments of resin.
f) Acrylate anaerobic adhesives are generally used to attach CCD image sensors. In addition, cyano-
acrylate instantaneous adhesives are sometimes used jointly with acrylate anaerobic adhesives. (reference)
5) Others
a) Do not expose to strong light (sun rays) for long periods. For continuous using under cruel condition
exceeding the normal using condition, consult our company.
b) Exposure to high temperature or humidity will affect the characteristics. Accordingly avoid storage or
usage in such conditions.
c) The brown stain may be seen on the bottom or side of the package. But this does not affect the CCD
characteristics.


Similar Part No. - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com