Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX405AL Datasheet(PDF) 15 Page - Sony Corporation

Part # ICX405AL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX405AL Datasheet(HTML) 15 Page - Sony Corporation

Back Button ICX405AL Datasheet HTML 9Page - Sony Corporation ICX405AL Datasheet HTML 10Page - Sony Corporation ICX405AL Datasheet HTML 11Page - Sony Corporation ICX405AL Datasheet HTML 12Page - Sony Corporation ICX405AL Datasheet HTML 13Page - Sony Corporation ICX405AL Datasheet HTML 14Page - Sony Corporation ICX405AL Datasheet HTML 15Page - Sony Corporation ICX405AL Datasheet HTML 16Page - Sony Corporation ICX405AL Datasheet HTML 17Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
– 15 –
ICX405AL
Notes on Handling
1) Static charge prevention
CCD image sensors are easily damaged by static discharge. Before handling be sure to take the following
protective measures.
a) Either handle bare handed or use non-chargeable gloves, clothes or material.
Also use conductive shoes.
b) When handling directly use an earth band.
c) Install a conductive mat on the floor or working table to prevent the generation of static electricity.
d) Ionized air is recommended for discharge when handling CCD image sensor.
e) For the shipment of mounted substrates, use boxes treated for the prevention of static charges.
2) Soldering
a) Make sure the package temperature does not exceed 80°C.
b) Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a ground 30W
soldering iron and solder each pin in less than 2 seconds. For repairs and remount, cool sufficiently.
c) To dismount an image sensor, do not use a solder suction equipment. When using an electric desoldering
tool, use a thermal controller of the zero cross On/Off type and connect it to ground.
3) Dust and dirt protection
Image sensors are packed and delivered by taking care of protecting its glass plates from harmful dust and
dirt. Clean glass plates with the following operation as required, and use them.
a) Perform all assembly operations in a clean room (class 1000 or less).
b) Do not either touch glass plates by hand or have any object come in contact with glass surfaces. Should
dirt stick to a glass surface, blow it off with an air blower. (For dirt stuck through static electricity ionized
air is recommended.)
c) Clean with a cotton bud and ethyl alcohol if the grease stained. Be careful not to scratch the glass.
d) Keep in a case to protect from dust and dirt. To prevent dew condensation, preheat or precool when
moving to a room with great temperature differences.
e) When a protective tape is applied before shipping, just before use remove the tape applied for
electrostatic protection. Do not reuse the tape.
4) Installing (attaching)
a) Remain within the following limits when applying a static load to the package. Do not apply any load more
than 0.7mm inside the outer perimeter of the glass portion, and do not apply any load or impact to limited
portions. (This may cause cracks in the package.)
Compressive strength
50N
Cover glass
Plastic package
50N
1.2Nm
Torsional strength


Similar Part No. - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com