Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX405AL Datasheet(PDF) 10 Page - Sony Corporation

Part # ICX405AL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX405AL Datasheet(HTML) 10 Page - Sony Corporation

Back Button ICX405AL Datasheet HTML 6Page - Sony Corporation ICX405AL Datasheet HTML 7Page - Sony Corporation ICX405AL Datasheet HTML 8Page - Sony Corporation ICX405AL Datasheet HTML 9Page - Sony Corporation ICX405AL Datasheet HTML 10Page - Sony Corporation ICX405AL Datasheet HTML 11Page - Sony Corporation ICX405AL Datasheet HTML 12Page - Sony Corporation ICX405AL Datasheet HTML 13Page - Sony Corporation ICX405AL Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
– 10 –
ICX405AL
Ylag (lag)
Y signal output 200mV
Light
FLD
V1
Strobe light
timing
Output
4. Video signal shading
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity so
that the average value of the signal output is 200mV. Then measure the maximum (Vmax [mV]) and
minimum (Vmin [mV]) values of the signal output and substitute the values into the following formula.
SH = (Vmax – Vmin)/200
× 100 [%]
5. Dark signal
Measure the average value of the signal output (Vdt [mV]) with the device ambient temperature 60°C and
the device in the light-obstructed state, using the horizontal idle transfer level as a reference.
6. Dark signal shading
After measuring 5, measure the maximum (Vdmax [mV]) and minimum (Vdmin [mV]) values of the dark
signal output and substitute the values into the following formula.
∆Vdt = Vdmax – Vdmin [mV]
7. Flicker
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the signal
output is 200mV, and then measure the difference in the signal level between fields (
∆Vf [mV]). Then
substitute the value into the following formula.
F = (
∆Vf/200) × 100 [%]
8. Lag
Adjust the signal output value generated by strobe light to 200mV. After setting the strobe light so that it
strobes with the following timing, measure the residual signal (Vlag). Substitute the value into the following
formula.
Lag = (Vlag/200)
× 100 [%]


Similar Part No. - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX405AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com