Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFK2062-P5 Datasheet(PDF) 4 Page - Mimix Broadband

Part # CFK2062-P5
Description  2.3 to 2.5 GHz 30 dBm Power GaAs FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFK2062-P5 Datasheet(HTML) 4 Page - Mimix Broadband

  CFK2062-P5 Datasheet HTML 1Page - Mimix Broadband CFK2062-P5 Datasheet HTML 2Page - Mimix Broadband CFK2062-P5 Datasheet HTML 3Page - Mimix Broadband CFK2062-P5 Datasheet HTML 4Page - Mimix Broadband CFK2062-P5 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Power Input (dBm)
Power Output & Power Added Efficiency vs Power Input
2.45 GHz, VDS = 8 V, IDS = 400 mA
Efficiency
Power Output
0
10
20
30
40
50
10
15
20
25
30
35
0
5
15
20
10
25
Frequency, GHz
Power Output and Gain vs Frequency
VDS =8V, IDS = 400 mA
2.3
2.35
2.4
2.45
2.5
Gain
10
11
12
13
9
28
29
30
31
32
Power Output
Frequency, GHz
Power Output
10
11
12
13
9
Gain
28
29
30
31
32
Power Output and Gain vs Frequency
VDS =5V, IDS = 600 mA
2.3
2.4
2.5
2.35
2.45
Volts
Power Output and Gain vs Voltage @ 2.45 GHz
IDS = 400 mA
Gain
Power Output
19
22
25
28
31
34
9
10
11
12
13
14
3
5
7
4
6
8
Volts
Power Output and Gain vs Voltage @ 2.45 GHz
IDS = 600 mA
Gain
Power Output
10
11
12
13
14
15
3
5
7
4
6
8
21
24
27
30
33
36
Power Output & Power Added Efficiency vs Power Input
2.45 GHz, VDS = 5 V, IDS = 600 mA
Power Input (dBm)
Efficiency
Power Output
0
10
20
30
40
50
10
15
20
25
30
35
0
5
15
20
10
25
CFK2062-P5
Product Specifications - July 1997
(3 of 4)
Typical Performance


Similar Part No. - CFK2062-P5

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
800 to 900 MHz 30 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
138Kb / 4P
800-900 MHz 30 dBm Power GaAs FET
CFK2062-P1-000T MIMIX-CFK2062-P1-000T Datasheet
796Kb / 5P
800 to 900 MHz 30 dBm Power GaAs FET
CFK2062-P1-000T MIMIX-CFK2062-P1-000T Datasheet
138Kb / 4P
800-900 MHz 30 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
800-900 MHz 30 dBm Power GaAs FET
More results

Similar Description - CFK2062-P5

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
logo
Mimix Broadband
CFK2062-P3 MIMIX-CFK2062-P3 Datasheet
258Kb / 5P
1.8 to 2.0 GHz 30 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3 Datasheet
411Kb / 3P
1.8 to 2.0 GHz 36 dBm Power GaAs FET
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
800 to 900 MHz 30 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5_09 Datasheet
1Mb / 4P
2.3 to 2.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com