Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFK2062-P5 Datasheet(PDF) 3 Page - Mimix Broadband

Part # CFK2062-P5
Description  2.3 to 2.5 GHz 30 dBm Power GaAs FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFK2062-P5 Datasheet(HTML) 3 Page - Mimix Broadband

  CFK2062-P5 Datasheet HTML 1Page - Mimix Broadband CFK2062-P5 Datasheet HTML 2Page - Mimix Broadband CFK2062-P5 Datasheet HTML 3Page - Mimix Broadband CFK2062-P5 Datasheet HTML 4Page - Mimix Broadband CFK2062-P5 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CFK2062-P5
Product Specifications - July 1997
(2 of 4)
RF Match Data shown in the performance graphs was taken
in the test circuit shown at right. Layout is important for prop-
er operation. Phase length of input and output 50
Ω line varies
as a function of exact desired frequency of operation. Output
shunt inductor effects output performance. Celeritek recom-
mends the use of a high impedance printed inductor
Lambda/4 in length. Please contact the factory for an evalua-
tion board and/or more detailed application support.
Typical Scattering Parameters
(TA = 25°C, Vds = 5 V, Ids = 600 mA)
Frequency
S11
S21
S12
S22
(GHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
0.6
0.927
-129.75
8.7
102.7
0.024
21.95
0.576
-178.45
1.0
0.914
-154.69
5.449
84.82
0.025
8.72
0.6
175.04
1.8
0.889
-174.42
3.768
61.32
0.033
-5.24
0.53
163.11
1.9
0.866
-178.39
3.693
57.12
0.035
-8.52
0.52
159.17
2.0
0.883
177.09
3.605
52.62
0.05
-10.6
0.512
154.61
2.1
0.78
171.92
3.504
48.01
0.035
-14.75
0.508
149.35
2.2
0.879
166.48
3.386
42.82
0.036
-18.18
0.509
143.77
2.3
0.88
160.6
3.243
37.96
0.036
-22.89
0.515
137.96
2.4
0.884
154.86
3.09
32.93
0.035
-26.59
0.528
132.84
2.5
0.887
150.54
2.944
28.96
0.035
-30.13
0.539
128.94
2.6
0.891
145.9
2.757
24.85
0.035
-32.91
0.555
124.99
2.7
0.899
141.82
2.57
20.93
0.035
-37.19
0.574
122.00
3.0
0.917
135.01
2.081
13.19
0.03
-41.27
0.623
118.42
3.5
0.932
137.14
1.635
8.18
0.028
-41.69
0.643
124.18
4.0
0.913
143.42
1.641
3.36
0.032
-41.15
0.557
131.38
(TA = 25°C, Vds = 8 V, Ids = 400 mA)
0.6
0.91
-131.25
9.129
100.5
0.026
17.07
0.521
-174.04
1.0
0.904
-155.33
5.68
82.61
0.027
6.34
0.548
178.8
1.8
0.883
-174.77
3.86
58.87
0.034
-7.72
0.483
168.5
1.9
0.88
-178.6
3.783
54.83
0.034
-9.68
0.472
164.9
2.0
0.877
176.74
3.696
50.36
0.035
-13.77
0.463
160.21
2.1
0.873
171.86
3.589
45.5
0.036
-16.17
0.458
154.9
2.2
0.874
166.29
3.46
40.56
0.037
-21.9
0.458
149.35
2.3
0.876
160.6
3.324
35.55
0.036
-26.41
0.463
143.16
2.4
0.878
154.94
3.159
30.56
0.036
-29.59
0.475
137.57
2.5
0.882
150.43
3.014
26.66
0.036
-31.65
0.486
133.49
2.6
0.888
145.65
2.872
22.43
0.035
-33.01
0.504
129.21
2.7
0.893
141.74
2.643
18.41
0.035
-39.11
0.524
125.87
3.0
0.915
135.06
2.136
10.26
0.031
-46.6
0.579
121.99
3.5
0.93
137.37
1.662
4.59
0.027
-43.86
0.611
128.44
4.0
0.912
143.75
1.642
-0.35
0.031
-43.95
0.541
137.64
RF
OUT
RF
IN
CFK2062-P5, 8V, 400 mA
50
Vg
100 pF
50
0.1 µF
2.4
0.1 µF
91
100
pF
Vd
1.5 pF
2.1 pF
47 nH
100 nH


Similar Part No. - CFK2062-P5

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
   800 to 900 MHz 30 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
CFK2062-P1-000T MIMIX-CFK2062-P1-000T Datasheet
796Kb / 5P
   800 to 900 MHz 30 dBm Power GaAs FET
CFK2062-P1-000T MIMIX-CFK2062-P1-000T Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
More results

Similar Description - CFK2062-P5

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
logo
Mimix Broadband
CFK2062-P3 MIMIX-CFK2062-P3 Datasheet
258Kb / 5P
   1.8 to 2.0 GHz 30 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3 Datasheet
411Kb / 3P
   1.8 to 2.0 GHz 36 dBm Power GaAs FET
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
   800 to 900 MHz 30 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5_09 Datasheet
1Mb / 4P
   2.3 to 2.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com