Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFK2062-P5 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CFK2062-P5
Description  2.3 to 2.5 GHz 30 dBm Power GaAs FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFK2062-P5 Datasheet(HTML) 2 Page - Mimix Broadband

  CFK2062-P5 Datasheet HTML 1Page - Mimix Broadband CFK2062-P5 Datasheet HTML 2Page - Mimix Broadband CFK2062-P5 Datasheet HTML 3Page - Mimix Broadband CFK2062-P5 Datasheet HTML 4Page - Mimix Broadband CFK2062-P5 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CFK2062-P5
Features
t High Gain
t +30 dBm Power Output
t Proprietary Power FET Process
t >40% Linear Power Added Efficiency
t Surface Mount SO-8 Power Package
Applications
t ISM Band Base Stations and Terminals
t RF ID/POS Base Stations
t Wireless Local Loop
Description
The CFK2062-P5 is a high-gain FET intended for dri-
ver amplifier applications in high-power systems, and output
stage usage in medium power applications at power levels up to
+30 dBm. The device is easily matched and provides excellent
linearity at 1 Watt. Manufactured in Celeritek’s proprietary
power FET process, this device is assembled in an industry
standard surface mount SO-8 power package that is compatible
with high volume, automated board assembly techniques.
2.3 to 2.5 GHz
+30 dBm Power GaAs FET
Product Specifications
July 1997
(1 of 4)
1
3
4
7
8
6
5
2
G
G
D
D
Back Plane
is Source
GND
GND
GND
GND
Package Diagram
Absolute Maximum Ratings
Parameter
Symbol
Rating
Drain-Source Voltage
VDS
10V (3)
Gate-Source Voltage
VGS
-5V
Drain Current
IDS
Idss
Continuous Dissipation
PT
6W
Channel Temperature
TCH
175°C
Storage Temperature
TSTG
-65°C to +175°C
SO-8 Power Package Physical Dimensions
Notes:
1. Sum to two tones with 1 MHz spacing = 25 dBm.
2. See thermal considerations information on page 4.
3. Maximum potential difference across the device (Vd + Vg) cannot
exceed 12V.
Parameters
Conditions
Min
Typ
Max
Units
Vd = 8V, Id = 400 mA (Quiescent)
P-1dB
30.0 31.0
dBm
SSG
12.0 13.0
dB
3rd Order
Products (1)
30
dBc
Efficiency
@ P1dB
40
%
Vd = 5V, Id = 600 mA (Quiescent)
P-1dB
30.5
dBm
SSG
12.0
dB
Specifications (TA = 25°C) The following specifications are
guaranteed at room temperature in Celeritek test fixture at 2.45 GHz.
Parameters
Conditions
Min
Typ
Max
Units
gm
Vds = 2.0V, Vgs = 0V
650
mS
Idss
Vds = 2.0V, Vgs = 0V
1.4
A
Vp
Vds = 3.0V, Ids = 25 mA
-1.8
Volts
BVGD
Igd = 2.5 mA
15
17
Volts
Θ
JL (2)
@150°C TCH
12
°C/W


Similar Part No. - CFK2062-P5

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
800 to 900 MHz 30 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
138Kb / 4P
800-900 MHz 30 dBm Power GaAs FET
CFK2062-P1-000T MIMIX-CFK2062-P1-000T Datasheet
796Kb / 5P
800 to 900 MHz 30 dBm Power GaAs FET
CFK2062-P1-000T MIMIX-CFK2062-P1-000T Datasheet
138Kb / 4P
800-900 MHz 30 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
800-900 MHz 30 dBm Power GaAs FET
More results

Similar Description - CFK2062-P5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3 Datasheet
411Kb / 3P
1.8 to 2.0 GHz 36 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
800 to 900 MHz 30 dBm Power GaAs FET
CFK2062-P3 MIMIX-CFK2062-P3 Datasheet
258Kb / 5P
1.8 to 2.0 GHz 30 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
2.3 to 2.5 GHz 36 dBm Power GaAs FET
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5_09 Datasheet
1Mb / 4P
2.3 to 2.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com