Electronic Components Datasheet Search |
|
MS27468T17Z13BCML Datasheet(PDF) 17 Page - SOURIAU-SUNBANK Connection Technologies |
|
MS27468T17Z13BCML Datasheet(HTML) 17 Page - SOURIAU-SUNBANK Connection Technologies |
17 / 64 page 8LT Series MIL-DTL-38999 Series I 17 © 2013 - SOURIAU Ordering information (1) Orientations B & C not developped for shell size number 9. (2) Type shell 0, 3 and 5 available only. (3) Excepted mixed layouts with quadrax and signal contacts. Please consult us. Basic series 8LT 0 - 13 B 35 P N L Shell type 0: Square flange receptacle 1: In line receptacle 2: Short square flange receptacle, not accepting backshell 3: Square flange receptacle (rear mounting) 5: Plug with RFI shielding 7: Jam nut receptacle 15: Plug with RFI shielding, not accepting backshell Type -: Connector with standard crimp contacts L: Connector with long PC tail (male and female #22D) M: Connector with medium PC tail (please see page 38) C: Connector with short spill (male and female #22D, #20, #16, #12, #8 quadrax) T: Connector with male contact size 20 for wire wrap (2 wraps) W: Connector with male contact size 22D for wire wrap (3 wraps) S: Connector with specific PC Tail (male and female #22D only) Q: Connector with quadrax crimp contacts P: Connector with solder cup: . Pin: #22D & #16; Socket: #12 . Socket: #22D & #16; Pin: #12 - Please consult us Shell size 09; 11; 13; 15; 17; 19; 21; 23; 25 Plating Z: Black zinc nickel F: Nickel B: Olive green cadmium ZC: Green zinc cobalt Contact layout See tables pages 8 to 11 Contact type P: Male A: Connector supplied less pin contact or with specific contacts (Connector marking : A + orientation) S: Female B: Connector supplied less socket contact or with specific contacts (Connector marking : B + orientation) Orientation (1) N, A, B, C, D see table page 48 Specifications None: Supplied with contact 046: PC Tail contact with tinned plating 251: Connector provided with power contacts with layout contacts #8 022: Fuel tank Please consult us 284: Quadrax grounded PC tail contact, type L, C & S only (100Ω) (2)(3) 308: Quadrax not grounded PC tail contact, type L, C & S only (100Ω) (2) 620: Quadrax grounded crimp contact, type Q only (100Ω) (2)(3) 621: Quadrax not grounded crimp contact, type Q only (100Ω) (2) 384: Quadrax grounded crimp contact, type Q only (150Ω) (2)(3) 408: Quadrax not grounded crimp contact, type Q only (150Ω) (2) Special custom None: Standard plastic cap M: Antistatic plastic cap L: For P or S contact type only, connector delivered without contacts, connector marking P or S (without L ) |
Similar Part No. - MS27468T17Z13BCML |
|
Similar Description - MS27468T17Z13BCML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |