Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13ACML Datasheet(PDF) 16 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13ACML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13ACML Datasheet(HTML) 16 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13ACML Datasheet HTML 12Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 13Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 14Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 15Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 16Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 17Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 18Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 19Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 20Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
16
© 2013 - SOURIAU
Description
• High contact density
• Bayonet coupling
• Contact protection : 100% Scoop proof
• Shell size from 9 to 25
• Accessories available (protective caps,
backshells, etc… )
• RFI - EMI shielding and shell to shell
continuity
• Hermetic
• Aluminum alloy, protection by cadmium,
nickel, green zinc cobalt or black zinc
nickel plating
Applications
• Civil and Military Aerospace
• Marine Equipments
• Communications Equipements
• Medical Instrumentation
• Ballistic Missiles & Weapon Systems
• Armored Carriers & Tanks
• Test Equipments
Technical features
Mechanical
• Shell: aluminum alloy
• Plating: . black zinc nickel (Z)
. olive green cadmium (B)
. nickel (F)
. green zinc cobalt (ZC)
• Insulator: thermoplastic or metallic version
available for specification 284 & 384
• Grommet or seal: liquid silicone rubber or
fluorocarbone elastomer for specification 022
• Contact: copper alloy
• Plating contact: gold over nickel
• Endurance:
500 mating / unmating operations
• Shock: 300 g during 3 ms and as per
MIL S 901 grade A
• Vibration: . Sine 10 to 2000 Hz - 30 g
. Random 100 à 300 Hz - 5 g²/Hz
• Contact retention (min force in N):
Electrical
• Test voltage (Vrms)
• Insulation resistance:
≥ 5 000 MW (at 500 Vcc)
• Contact resistance:
• Contact rating:
• Shell continuity:
. black zinc nickel: 2.5 m
Ω
. olive green plating: 2.5 m
Ω
. nickel plating: 1 m
Ω
. green zinc cobalt: 2.5 m
Ω
• Shielding: 90 db at 100 MHz, 50 db at
10 000 MHz
• Electrical continuity between contact and
shell for specification 284 & 384: 10 m
Ω
max
Climatic
• Temperature range:
. black zinc nickel plating (Z)
- 65°C +175°C
. olive green cadmium plating (B)
- 65°C +175°C
. nickel plating (F)
- 65°C +200°C
. green zinc cobalt plating (ZC)
- 65°C +200°C
• Sealing: mated connectors
Differential pressure 2 bars:
leakage
≤ 16 cm3/h
• Salt spray as per:
. MIL STD 1344 method 1001 :
- 500 hours (plating B, ZC and Z)
- 48 hours (plating F)
. NFC 93422 :
- 48 hours (plating F)
• Resistance to fluids
. As per MIL DTL 38999, hydraulic fluids,
solvents
. Specification 022 for fuel immersion
(please consult us)
Service
sea level
at 21000 m
R
400
N/A
M
1 300
800
N
1 000
600
I
1 800
1 000
II
2 300
1 000
Contacts size 26 22 20 16 12 8
4
Resistance m
Ω 16 14.6 7.3 3.8 3.5 3
2
Contacts size 26 22 20 16 12 8
4
Rating (A)
3
5 7.5 13 23 45 80
Contacts size 22 20
16
12
8
4
Min force in N 44
67 111 111 111 200


Similar Part No. - MS27468T17Z13ACML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13ACML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com