Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13ACML Datasheet(PDF) 52 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13ACML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13ACML Datasheet(HTML) 52 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13ACML Datasheet HTML 48Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 49Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 50Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 51Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 52Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 53Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 54Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 55Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 56Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
52
© 2013 - SOURIAU
Ctc
X
Y
7
-2.66
-0.47
8
-2.34
+1.35
9
-0.92
+2.54
10
0.00
+1.03
11
+0.89
-0.51
12
-0.89
-0.51
12
+X
-X
+Y
-Y
Ctc
X
Y
1
+0.92
+2.54
2
+2.34
+1.35
3
+2.66
-0.47
4
+1.74
-2.07
5
0.00
-2.70
6
-1.74
-2.07
09 / A
Coordinates for straight PC tail terminations
Viewed from front face of male insulator
Hole sizes: 1mm min. (#22 and #20 contacts) and 1.3mm min. (#16 contact) coordinates in mm.
98
+X
-X
+Y
-Y
Ctc
X
Y
A
+1.65
+0.97
B
0.00
-1.90
C
-1.65
+0.97
35
+X
-X
+Y
-Y
Ctc
X
Y
1
+1.14
+1.98
2
+1.98
-1.14
3
0.00
-2.29
4
+1.98
-1.14
5
+1.14
+1.98
6
0.00
0.00
05
+X
-X
+Y
-Y
Ctc
X
Y
A
+1.65
+1.42
B
+2.86
-1.65
C
0.00
-3.30
D
-2.86
-1.65
E
-1.65
+1.42
04
+X
-X
+Y
-Y
Ctc
X
Y
A
+1.65
+1.65
B
+1.65
-1.65
C
-1.65
-1.65
D
-1.65
+1.65
+X
-X
+Y
-Y
02
Ctc
X
Y
A
0.00
+2.41
B
0.00
-2.41
11 / B
Ctc
X
Y
1
+1.69
+3.79
2
+3.09
+2.77
3
+3.95
+1.28
4
+4.13
-0.44
5
+3.58
-2.10
6
+2.40
-3.37
7
0.00
-4.13
8
-2.40
-3.37
9
-3.58
-2.10
10
-4.13
-0.44
11
-3.95
+1.28
12
-3.09
+2.77
13
-1.69
+3.79
Ctc
X
Y
14
0.00
+3.50
15
+1.70
+1.76
16
+2.55
+0.29
17
+1.70
-1.18
18
+0.85
-2.65
19
-0.85
-2.65
20
-1.70
-1.18
21
-2.55
+0.29
22
-1.70
+1.76
23
0.00
+1.76
24
+0.85
+0.29
25
0.00
-1.18
26
-0.85
+0.29
26
+X
-X
+Y
-Y
35
+X
-X
+Y
-Y
Ctc
X
Y
1
0.00
+3.71
2
+2.16
+3.00
3
+3.51
+1.14
4
+3.51
-1.14
5
+2.16
-3.00
Ctc
X
Y
10
-2.16
+3.00
11
0
+1.42
12
+1.24
-0.89
13
-1.24
-0.89
Ctc
X
Y
6
0.00
-3.71
7
-2.16
-3.00
8
-3.51
-1.14
9
-3.51
+1.14


Similar Part No. - MS27468T17Z13ACML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13ACML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com