Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13ACML Datasheet(PDF) 49 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13ACML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13ACML Datasheet(HTML) 49 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13ACML Datasheet HTML 45Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 46Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 47Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 48Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 49Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 50Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 51Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 52Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 53Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
49
© 2013 - SOURIAU
Shell
size
Part
numbers*
A
Max
B
Max
ØC
Max
D
Max
E
ØF
09
8LT0-09GUR
16.05
2.54
14.53
24.25
18.26
3.25
8LT0-09FUR
11
8LT0-11GUR
16.05
2.54
17.78
26.60
20.62
3.25
8LT0-11FUR
13
8LT0-13GUR
16.05
2.54
21.59
29.00
23.01
3.25
8LT0-13FUR
15
8LT0-15GUR
16.05
2.54
24.77
31.35
24.61
3.25
8LT0-15FUR
17
8LT0-17GUR
16.05
2.54
27.94
33.75
26.97
3.25
8LT0-17FUR
19
8LT0-19GUR
16.05
2.54
30.66
36.90
29.36
3.25
8LT0-19FUR
21
8LT0-21GUR
15.29
3.30
33.83
40.10
31.75
3.25
8LT0-21FUR
23
8LT0-23GUR
15.29
3.30
37.00
43.25
34.93
3.73
8LT0-23FUR
25
8LT0-25GUR
15.29
3.30
40.18
46.50
38.10
3.73
8LT0-25FUR
Dummy receptacles
A
B
D
E
4 holes ØF
Note: All dimensions are in millimeters (mm)
Panel gasket
Shell size
Part numbers
Gasket for receptacle type 0, 2, 3
(to be ordered separately)
O ring for receptacle type 7
(shipped with connector)
09
8599-5541
AS3582-019
11
8599-5542
AS3582-022
13
8599-5543
AS3582-024
15
8599-5544
AS3582-026
17
8599-5545
AS3582-028
19
8599-5546
AS3582-128
21
8599-5547
AS3582-130
23
8599-5548
AS3582-132
25
8599-5549
AS3582-134
* F or G = Plating.


Similar Part No. - MS27468T17Z13ACML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13ACML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com