Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13ACML Datasheet(PDF) 41 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13ACML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13ACML Datasheet(HTML) 41 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13ACML Datasheet HTML 37Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 38Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 39Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 40Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 41Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 42Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 43Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 44Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 45Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
41
© 2013 - SOURIAU
Wiring instruction
Cable preparation and wire stripping
L = length of wire stripping
L
Contact
size
#26
#22D
#20
#16
#12
#8
#4
L
4
6
12
Conductor
insulation
Barrel
Inspection hole
Wire
0.5 to 0.8 mm
Insertion of wire in contact barrel
When inserting the stripped wire into the contact barrel check that no
strands are left outside and that the wire is visible through the wire
inspection hole in the barrel.
Important:
- Slide any accessories over wire strands before carrying out the following operations.
- Contacts are inserted and extracted from the rear of the connector.
Insertion of the contacts
1 - Engage the crimp cable /
contact asembly into the
longitudinal slot of the plastic
tool (coloured tip).
Slide the tool down the
cable until the tip of the tool
abuts the contact retention
shoulder.
2 - Introduce the contact into
the required contact cavity
in the insulator, pushing tool
axialy, until the contact snaps
into position in clip.
3 - Withdraw the tool (from
rear). Check that contact is
firmly locked by pulling wire
gently.
When connector is fully
loaded, check the position of
contact tips. They should all
be in the same plane.
Nota: For larger sizes of
cable which are stiff enough
manual insertion without tool
is preferable.
1
2
3
Extraction of the contacts
1 - Engage the appropriate
cable into the longitudinal
slot of the tool with the white
tip towards connector.
2 - Slide the tool down
towards the contact. Insert
the tool in the insulator until
it abuts the contact shoulder.
3 - Holding the tool-contact
and cable assembly together,
remove them simultaneously.
1
2
3


Similar Part No. - MS27468T17Z13ACML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13ACML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com