Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13ACML Datasheet(PDF) 40 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13ACML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13ACML Datasheet(HTML) 40 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13ACML Datasheet HTML 36Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 37Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 38Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 39Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 40Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 41Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 42Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 43Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13ACML Datasheet HTML 44Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
40
© 2013 - SOURIAU
Thermocouple contacts
Contact
size
Contact
type
Souriau part
numbers
(without color
code)
MIL-DTL-38999 contacts
Ø
Contact
(mm)
Wire section
Ø Over
insulation
(mm)
Part numbers
Profile and color code
Awg
mm2
min
max
min
max
min
max
#22D
Chromel
Pin
-
M39029/87-472
0.75
28
22
0.095 0.34 0.76 1.37
Socket
-
M39029/88-484
#22D
Alumel
Pin
-
M39029/87-471
Socket
-
M39029/88-483
#20
Chromel
Pin
8599-0749 900 8599-0949 900
1
24
20
0.21
0.6
1.02
2.11
Socket
8599-0753 900 8599-0953 900
#20
Alumel
Pin
8599-0761 900 8599-0961 900
Socket
8599-0765 900 8599-0965 900
Red / Violet / Yellow
Yellow / Grey / Yellow
Brown / Violet / Yellow
Orange / Grey / Yellow
Blue / Violet / Yellow
Grey / Grey / Yellow
Green / Violet / Yellow
Violet / Grey / Yellow
Dummy contacts
Filler plugs
Direction of introduction
in grommet
Size
Part number
#16
8599-6A016001A
#8
8599-0308
#4
8599-0310
Contact
size
Filler plugs
MS
Part number
(Rev. N)
Souriau
Part number
Color
#22D
MS27488-22-2
8660-212
Black
#20
MS27488-20-2
8522-389A
Red
#16
MS27488-16-2
8522-390A
Green
#12
MS27488-12-2
8522-391A
Orange
8599-0308
These filler plugs are installed
at the rear of unwired contact
to maintain connector sealing.


Similar Part No. - MS27468T17Z13ACML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13ACML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com