Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13SCML Datasheet(PDF) 22 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13SCML
Description  MIL-DTL-38999 Series I
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13SCML Datasheet(HTML) 22 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13SCML Datasheet HTML 18Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 19Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 20Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 21Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 22Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 23Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 24Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 25Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 26Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
22
© 2013 - SOURIAU
Mated connectors dimensions
Square flange receptacle (type 0)
with plug (type 5)
A
B
C
D
Shell Size
A Max
B Max
C Max
D Max
09
33.30
47.40
40.60
54.70
11
13
15
17
19
21
32.50
46.70
23
25
Detail
Shell Type
Type 0
Type 1
Type 3
Type 5
Type 7
L max
13.39
13.58
13.58
13.54
13.58
Sealing bushing
used for triaxial
#8 protude
Note: All dimensions are in millimeters (mm)
L
Jam nut receptacle (type 7)
with plug (type 5)


Similar Part No. - MS27468T17Z13SCML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13SCML

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
466511 AAO-466511 Datasheet
1Mb / 37P
MIL-DTL-38999, Series II JT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com