Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13SCML Datasheet(PDF) 62 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13SCML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13SCML Datasheet(HTML) 62 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13SCML Datasheet HTML 56Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 57Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 58Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 59Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 60Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 61Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 62Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 63Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 64Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
62
© 2013 - SOURIAU
Product range extension
RoHS Solution
See «micro38999, A Complete Miniature Range»
catalog on www.souriau.com
See «RoHS by SOURIAU, The Cadmium Free
Solution» catalog on www.souriau.com
The RoHS alternative to cadmium !
SOURIAU Zinc Nickel: the best in terms of price and
performance for aerospace & defense equipment.
SOURIAU Black Zinc Nickel:
. A unique alternative plating process to cadmium.
RoHS compliant:
. A unique SOURIAU plating process compliant with RoHS
regulations for cadmium and Cr6+.
The first QPL qualified:
. SOURIAU Zn Ni is the first product which has been qualified by
US Defense standards organization (DLA Land and Maritime).
High corrosion resistance:
. 500 hours salt spray.
Available in mass production:
. Available for 38999 Series I, II and III aluminum range.
A complete miniature range: threaded (8DA), break
away (8BA) & bayonet (8LTA). Space saving with
scoop proof connector for harsh applications.
A compact solution:
. Diameter up to 45% smaller than size 9 (D38999).
. Up to 50% shorter.
. Integrated backshell: Cost and space saving.
A high density solution:
. With #26 contacts (according to 39029).
. 5 layouts (size 3, 5 and 7 with #22 & #26).
Excellent features:
. Designed for D38999 requirements.
. IP67 sealing when mated.
. Stainless steel shell (1500 matings) & aluminum shell (500 matings).
RoHS and Cadmium free:
. Available in zinc nickel (RoHS) plating, as well as nickel and olive
drab cadmium.


Similar Part No. - MS27468T17Z13SCML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13SCML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com