Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13SCML Datasheet(PDF) 32 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13SCML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13SCML Datasheet(HTML) 32 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13SCML Datasheet HTML 28Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 29Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 30Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 31Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 32Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 33Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 34Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 35Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 36Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
32
© 2013 - SOURIAU
Cost effective
& light hermetics
Resin sealed
• Potted receptacle with male or female
straight PC tail contacts
• 100% scoop proof: no interference when
mating the connector, contacts never touch
each other
• Weight saving compared to hermetic version
• Reinforced sealing for harsh environment
(10E-7 atm.cm3/s)
• Good shock resistance - better than
hermetic glass seal
• Female contacts available for the receptacle
• PC Tail from #22D to #16 (for all other
contacts please consult us)
(1) Orientation B & C not developed for shell size number 9
Basic Series
8LTR
0
C
09
B
35
P
N
Shell style
0: Square flange receptacle
1: In line receptacle
2: Short square flange receptacle not accepting backshell
3: Square flange receptacle (rear mounting)
5: Plug with RFI shielding
7: Jam nut receptacle
15 : Plug with RFI shielding not accepting backshell
Type
C: Receptacle with short PC tail (male and female #22D, #20, #16)
L: Connector with long PC tail (male and female #22D)
S: Connector with specific PC Tail (male and female #22D)
M: Connector with medium PC tail (male #22D)
P: Connector with solder cup: . Pin: #22D & #16; Socket: #12
. Socket: #22D & #16; Pin: #12 - Please consult us
Shell size: 09 - 11 - 13 - 15 - 17 - 19 - 21 - 23 - 25
Plating
B: Olive green cadmium
F: Nickel
ZC: Green zinc cobalt
Z: Black zinc nickel
Contact layouts: see tables pages 8 to 11
Contact type
P: Male
S: Female
Orientation (1)
N - A - B - C - D see table page 48
Ordering information


Similar Part No. - MS27468T17Z13SCML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13SCML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com