Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13SCML Datasheet(PDF) 29 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13SCML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13SCML Datasheet(HTML) 29 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13SCML Datasheet HTML 25Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 26Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 27Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 28Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 29Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 30Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 31Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 32Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SCML Datasheet HTML 33Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
29
© 2013 - SOURIAU
Souriau Rack and Panel connectors part numbers
HE 308 Rack and Panel connectors part numbers
*Excepted mixted layouts with quadrax and signal contacts. Please consult us.
Basic series
8LT
27
-
15
B
35
P
N
L
Shell type
27: Receptacle for rack, for male contacts, with possibility to mount rear accessory
23: Square flange receptacle (consult us)
26: Floating plug for rack, for crimp female contacts, with possibility to mount rear accessory
Type
-: Connector with standard crimp contacts
Q: Connector with quadrax crimp contacts
C: Connector with short PC tail (male and female #20, #16, #12, #8 quadrax)
S: Connector with specific PC tail (male and female #22D only)
L: Connector with long PC tail (male and female #22D)
Shell size: 11, 13, 15, 17, 19, 21, 23, 25
Plating
F: Nickel
B: Olive green cadmium
Contact layout: See tables pages 8 to 11
Contact type
P: Male
S: Female
Orientation: N
Specification
None: Supplied with contacts
251: Connector provided with power contacts (for layout with cavities #8)
*284: Quadrax grounded (cts 100
Ω)
308: Quadrax not grounded (cts 100
Ω)
*384: Quadrax grounded (cts 150
Ω)
408: Quadrax not grounded (cts 150
Ω)
Special custom
None: Standard plastic cap
M: Antistatic plastic cap
L: Connector supplied without contacts
Basic series
HE308 26
T
23 01
P
N
7
M
Shell type
26: Floating plug for rack, for crimp female contacts, with possibility to mount rear accessory
27: Receptacle for rack, for male contacts, with possibility to mount rear accessory
21: Receptacle for rack with PC Tail contacts
Class
T: Sealed
Shell size: 11, 13, 15, 17, 19, 21, 23
Contact layout: See tables pages 8 to 11
Contact type
P: Male
S: Female
Orientation: N
Plating
7: Olive green cadmium
Contractual specifications
M: DAT quality insurance
Special custom
None: Standard plastic cap
M: Antistatic plastic cap
Specifications
None: Connector supplied with contact
L: Connector supplied without contact
Rack and Panel - Ordering information


Similar Part No. - MS27468T17Z13SCML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13SCML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com