Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBM1X1M Datasheet(PDF) 13 Page - HANAMICRON

Part # HBM1X1M
Description  Bluetooth V1.2 Class 1 Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANAMICRON [HANAMICRON]
Direct Link  http://www.hanamicron.com
Logo HANAMICRON - HANAMICRON

HBM1X1M Datasheet(HTML) 13 Page - HANAMICRON

Back Button HBM1X1M Datasheet HTML 9Page - HANAMICRON HBM1X1M Datasheet HTML 10Page - HANAMICRON HBM1X1M Datasheet HTML 11Page - HANAMICRON HBM1X1M Datasheet HTML 12Page - HANAMICRON HBM1X1M Datasheet HTML 13Page - HANAMICRON HBM1X1M Datasheet HTML 14Page - HANAMICRON HBM1X1M Datasheet HTML 15Page - HANAMICRON HBM1X1M Datasheet HTML 16Page - HANAMICRON HBM1X1M Datasheet HTML 17Page - HANAMICRON  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
HBM1X1M
Bluetooth V1.2 Class 1 Module
Data Book
3.2 USB
This Bluetooth module contains a full speed (12Mbit/s) USB interface that is
capable of driving a USB cable directly. No external USB transceiver is required.
The device operates as a USB peripheral, responding to requests from a master
host controller such as a PC. Both the OHCI and the UHCI standards art
supported. The set of USB endpoints implemented can behave as specified in
the USB section of the Bluetooth specification v1.2 or alternatively can appear as
a set of endpoints appropriate to USB audio devices such as a set of USB
speakers.
Since USB is a master/slave oriented system (in common with other USB
peripherals), This Module only supports USB slave operation.
3.3 SPI (Serial Peripheral Interface)
BlueCore3-Multimedia External uses 16-bit data and 16-bit address serial
peripheral interface, where transactions may occur when the internal processor
is running or is stopped.
The BlueCore3-Multimedia External is the slave and receives commands on
SPI_MOSI and outputs data on SPI_MISO.
1
Reset the SPI interface
Hold SPI_CSB high for two SPI_CLK cycles
2
Write the command word
Take SPI_CSB low and clock in the 8 bit command
3
Write the address
Clock in the 16-bit address word
4
Write or read data words
Clock in or out 16-bit data word(s)
5
Termination
Take SPI_CSB high
3.4 Kalimba DSP
The Kalimba DSP is an open platform Kalimba DSP allowing signal processing
functions to be performed on over-air data or CODEC data in order to enhance
audio applications.
www.hanamciron.co.kr
13 page / 17 pages


Similar Part No. - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HBM11PT CHENMKO-HBM11PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM12PT CHENMKO-HBM12PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM13PT CHENMKO-HBM13PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM14PT CHENMKO-HBM14PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM15PT CHENMKO-HBM15PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
Bluetooth V1.2 Class 2 Module
logo
Delta Electronics, Inc.
DLBM-CS220 DELTA-DLBM-CS220 Datasheet
93Kb / 11P
A Class 2 Bluetooth V1.2 HCI module Suitable for various applications.
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
Bluetooth Class 1 Module
logo
Delta Electronics, Inc.
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
logo
STMicroelectronics
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
Bluetooth??class 1 module
logo
Texas Instruments
CC2560-SN2100 TI-CC2560-SN2100 Datasheet
37Kb / 2P
Bluetooth Class 1 Module from Murata
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
Class 1 Bluetooth v2.0 Module
logo
Laird Tech Smart Techno...
BT740 LSTD-BT740 Datasheet
1Mb / 31P
Enhanced Class 1 Bluetooth v2.1 Module
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
Enhanced Class 1 Bluetooth v2.1 Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com