Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBM1X1M Datasheet(PDF) 12 Page - HANAMICRON

Part # HBM1X1M
Description  Bluetooth V1.2 Class 1 Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANAMICRON [HANAMICRON]
Direct Link  http://www.hanamicron.com
Logo HANAMICRON - HANAMICRON

HBM1X1M Datasheet(HTML) 12 Page - HANAMICRON

Back Button HBM1X1M Datasheet HTML 8Page - HANAMICRON HBM1X1M Datasheet HTML 9Page - HANAMICRON HBM1X1M Datasheet HTML 10Page - HANAMICRON HBM1X1M Datasheet HTML 11Page - HANAMICRON HBM1X1M Datasheet HTML 12Page - HANAMICRON HBM1X1M Datasheet HTML 13Page - HANAMICRON HBM1X1M Datasheet HTML 14Page - HANAMICRON HBM1X1M Datasheet HTML 15Page - HANAMICRON HBM1X1M Datasheet HTML 16Page - HANAMICRON Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
HBM1X1M
Bluetooth V1.2 Class 1 Module
Data Book
3
Terminal Descriptions
3.1 UART
Four signals are used to implement the UART function. UART_TXD and
UART_RXD transfer data between the two devices. The remaining two signals,
UART_CTS and UART_RTS, can be used to implement RS232 hardware flow
control where both are active low indicators.
3.1.1 UART Setting
User can change data format the following selection using PSKEY. However, host shall communicate with
default setting UART connection initiated at first time.
Baud Rate = (PSKEY_UART_BAUD_RATE) / 0.004096
Parameter
Possible value
Baud Rate
9600 ~ 1.5M Baud
Flow Control
RTS/CTS or None
Parity
None, Odd or Even
Number of Stop Bits
1 or 2
Bits per channel
8
3.1.2 UART Bypass Mode
Switch the bypass to PIO[7:4] as shown in figure. When the bypass mode has been invoked, module
enters the deep sleep state indefinitely.
RXD
CTS
RTS
TXD
Test Interface
UART
RESETB
UART_TX
UART_RTS
UART_CTS
UART_RS
CTS
RTS
TX
RX
PIO4
PIO5
PIO6
PIO7
Host Processor
BlueCore4-ROM CSP
Another Device
www.hanamciron.co.kr
12 page / 17 pages


Similar Part No. - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HBM11PT CHENMKO-HBM11PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM12PT CHENMKO-HBM12PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM13PT CHENMKO-HBM13PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM14PT CHENMKO-HBM14PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM15PT CHENMKO-HBM15PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
   Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
   Bluetooth??class 1 module
logo
Delta Electronics, Inc.
DLBM-CS220 DELTA-DLBM-CS220 Datasheet
93Kb / 11P
   A Class 2 Bluetooth V1.2 HCI module Suitable for various applications.
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
logo
Laird Tech Smart Techno...
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
   Enhanced Class 1 Bluetooth v2.1 Module
BT740 LSTD-BT740 Datasheet
1Mb / 31P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
Texas Instruments
CC2560-SN2100 TI-CC2560-SN2100 Datasheet
37Kb / 2P
[Old version datasheet]   Bluetooth Class 1 Module from Murata
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com