Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBM1X1M Datasheet(PDF) 11 Page - HANAMICRON

Part # HBM1X1M
Description  Bluetooth V1.2 Class 1 Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANAMICRON [HANAMICRON]
Direct Link  http://www.hanamicron.com
Logo HANAMICRON - HANAMICRON

HBM1X1M Datasheet(HTML) 11 Page - HANAMICRON

Back Button HBM1X1M Datasheet HTML 7Page - HANAMICRON HBM1X1M Datasheet HTML 8Page - HANAMICRON HBM1X1M Datasheet HTML 9Page - HANAMICRON HBM1X1M Datasheet HTML 10Page - HANAMICRON HBM1X1M Datasheet HTML 11Page - HANAMICRON HBM1X1M Datasheet HTML 12Page - HANAMICRON HBM1X1M Datasheet HTML 13Page - HANAMICRON HBM1X1M Datasheet HTML 14Page - HANAMICRON HBM1X1M Datasheet HTML 15Page - HANAMICRON Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HBM1X1M
Bluetooth V1.2 Class 1 Module
Data Book
Receiver
Specification
Condition
Min
Typ
Max
Unit
Sensitivity level (0.1% BER)
Single slot packets
-70
-88
-
dBm
Sensitivity level (0.1% BER)
Multi slot packet
-70
-88
-
dBm
C/I performance
co - channel
1MHz (Adjacent channel )
2MHz ( 2 nd Adjacent channel )
≥3MHz ( 3 rd Adjacent channel)
-
-
-
-
-
-
-
-
11
0
-30
-40
dBm
Blocking performance
30MHz ~ 2000MHz
2000MHz ~ 2400MHz
2500MHz ~ 3000MHz
3000MHz ~ 12.75GHz
-10
-27
-27
-10
-
-
-
-
-
-
-
-
MHz
Intermodulation performance
n = 5
-39
-
KHz
Maximum input level
-20
-10
-
dBm
www.hanamciron.co.kr
11 page / 17 pages


Similar Part No. - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HBM11PT CHENMKO-HBM11PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM12PT CHENMKO-HBM12PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM13PT CHENMKO-HBM13PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM14PT CHENMKO-HBM14PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM15PT CHENMKO-HBM15PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
   Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
   Bluetooth??class 1 module
logo
Delta Electronics, Inc.
DLBM-CS220 DELTA-DLBM-CS220 Datasheet
93Kb / 11P
   A Class 2 Bluetooth V1.2 HCI module Suitable for various applications.
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
logo
Laird Tech Smart Techno...
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
   Enhanced Class 1 Bluetooth v2.1 Module
BT740 LSTD-BT740 Datasheet
1Mb / 31P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
Texas Instruments
CC2560-SN2100 TI-CC2560-SN2100 Datasheet
37Kb / 2P
[Old version datasheet]   Bluetooth Class 1 Module from Murata
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com