Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBM1X1M Datasheet(PDF) 10 Page - HANAMICRON

Part # HBM1X1M
Description  Bluetooth V1.2 Class 1 Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANAMICRON [HANAMICRON]
Direct Link  http://www.hanamicron.com
Logo HANAMICRON - HANAMICRON

HBM1X1M Datasheet(HTML) 10 Page - HANAMICRON

Back Button HBM1X1M Datasheet HTML 6Page - HANAMICRON HBM1X1M Datasheet HTML 7Page - HANAMICRON HBM1X1M Datasheet HTML 8Page - HANAMICRON HBM1X1M Datasheet HTML 9Page - HANAMICRON HBM1X1M Datasheet HTML 10Page - HANAMICRON HBM1X1M Datasheet HTML 11Page - HANAMICRON HBM1X1M Datasheet HTML 12Page - HANAMICRON HBM1X1M Datasheet HTML 13Page - HANAMICRON HBM1X1M Datasheet HTML 14Page - HANAMICRON Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HBM1X1M
Bluetooth V1.2 Class 1 Module
Data Book
2.2 RF Characteristics
Transmitter
Specification
Condition
Min
Typ
Max
Unit
Output power
Normal
4
16
20
dBm
Power density
Normal
-
-
20
dBm
Power control
Normal
2
-
8
dBm
Frequency range
Normal
2400
-
2483.5
MHz
20dB bandwidth for modulated carrier
Normal
-
850
1000
KHz
Adjacent channel power
±2MHz
±3MHz
-
-
-
-
-20
-40
dBm
Modulation Characteristics
Δ f1avg
Δ f2max
Δ f2avg / Δf1avg
140
115
-
-
175
80
KHz
KHz
%
Initial carrier frequency tolerance
Normal
-5
-
5
KHz
Carrier frequency Drift
One slot packet(DH1)
Five slot packet(DH5)
-25
-40
-40
-
-
-
25
40
40
kHz
Transceiver
Specification
Condition
Min
Typ
Max
Unit
Out of band spurious emissions
30MHz ~ 1GHz
1GHz ~12.75GHz
1.8GHz ~5.1GHz
5.1GHz ~5.3GHz
-36
-30
-47
-47
dBm
www.hanamciron.co.kr
10 page / 17 pages


Similar Part No. - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HBM11PT CHENMKO-HBM11PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM12PT CHENMKO-HBM12PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM13PT CHENMKO-HBM13PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM14PT CHENMKO-HBM14PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM15PT CHENMKO-HBM15PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
Bluetooth V1.2 Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
Bluetooth??class 1 module
logo
Delta Electronics, Inc.
DLBM-CS220 DELTA-DLBM-CS220 Datasheet
93Kb / 11P
A Class 2 Bluetooth V1.2 HCI module Suitable for various applications.
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
Class 1 Bluetooth v2.0 Module
logo
Laird Tech Smart Techno...
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
Enhanced Class 1 Bluetooth v2.1 Module
BT740 LSTD-BT740 Datasheet
1Mb / 31P
Enhanced Class 1 Bluetooth v2.1 Module
logo
Texas Instruments
CC2560-SN2100 TI-CC2560-SN2100 Datasheet
37Kb / 2P
Bluetooth Class 1 Module from Murata
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com