Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBM1X1M Datasheet(PDF) 7 Page - HANAMICRON

Part # HBM1X1M
Description  Bluetooth V1.2 Class 1 Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANAMICRON [HANAMICRON]
Direct Link  http://www.hanamicron.com
Logo HANAMICRON - HANAMICRON

HBM1X1M Datasheet(HTML) 7 Page - HANAMICRON

Back Button HBM1X1M Datasheet HTML 3Page - HANAMICRON HBM1X1M Datasheet HTML 4Page - HANAMICRON HBM1X1M Datasheet HTML 5Page - HANAMICRON HBM1X1M Datasheet HTML 6Page - HANAMICRON HBM1X1M Datasheet HTML 7Page - HANAMICRON HBM1X1M Datasheet HTML 8Page - HANAMICRON HBM1X1M Datasheet HTML 9Page - HANAMICRON HBM1X1M Datasheet HTML 10Page - HANAMICRON HBM1X1M Datasheet HTML 11Page - HANAMICRON Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HBM1X1M
Bluetooth V1.2 Class 1 Module
Data Book
AIN_N_RIGHT
3
Microphone input negative(right side)
AIN_P_RIGHT
4
Microphone input positive(right side)
AIN_N_LEFT
5
Microphone input negative (left side)
AIN_P_LEFT
6
Microphone input positive (left side)
AOUT_N_RIGHT
8
Speaker output negative (right side)
AUDIO Interface
AOUT_P_RIGHT
9
Speaker output positive (right side)
AOUT_N_LEFT
10
Speaker output negative (left side)
AUDIO Interface
AOUT_P_LEFT
11
Speaker output positive (left side)
AIO0
13
General purpose analogue interface
AIO3
14
General purpose analogue interface
RESET
34
Reset if low. Input debounced so must be
Low for>5ms to cause a reset
ANT
1
RF Connection to Antenna
VCC
22
D.C Input voltage for operation (2.7~3.6V)
POWER_VCC
12
D.C Input voltage for operation (2.7~3.6V)
Others
GND
2,7,15,44
Ground
www.hanamciron.co.kr
7 page / 17 pages


Similar Part No. - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HBM11PT CHENMKO-HBM11PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM12PT CHENMKO-HBM12PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM13PT CHENMKO-HBM13PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM14PT CHENMKO-HBM14PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
HBM15PT CHENMKO-HBM15PT Datasheet
106Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
Bluetooth V1.2 Class 2 Module
logo
Delta Electronics, Inc.
DLBM-CS220 DELTA-DLBM-CS220 Datasheet
93Kb / 11P
A Class 2 Bluetooth V1.2 HCI module Suitable for various applications.
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
Bluetooth Class 1 Module
logo
Delta Electronics, Inc.
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
logo
STMicroelectronics
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
Bluetooth??class 1 module
logo
Texas Instruments
CC2560-SN2100 TI-CC2560-SN2100 Datasheet
37Kb / 2P
Bluetooth Class 1 Module from Murata
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
Class 1 Bluetooth v2.0 Module
logo
Laird Tech Smart Techno...
BT740 LSTD-BT740 Datasheet
1Mb / 31P
Enhanced Class 1 Bluetooth v2.1 Module
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
Enhanced Class 1 Bluetooth v2.1 Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com