Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBM1X1M Datasheet(PDF) 17 Page - HANAMICRON

Part # HBM1X1M
Description  Bluetooth V1.2 Class 1 Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANAMICRON [HANAMICRON]
Direct Link  http://www.hanamicron.com
Logo HANAMICRON - HANAMICRON

HBM1X1M Datasheet(HTML) 17 Page - HANAMICRON

Back Button HBM1X1M Datasheet HTML 9Page - HANAMICRON HBM1X1M Datasheet HTML 10Page - HANAMICRON HBM1X1M Datasheet HTML 11Page - HANAMICRON HBM1X1M Datasheet HTML 12Page - HANAMICRON HBM1X1M Datasheet HTML 13Page - HANAMICRON HBM1X1M Datasheet HTML 14Page - HANAMICRON HBM1X1M Datasheet HTML 15Page - HANAMICRON HBM1X1M Datasheet HTML 16Page - HANAMICRON HBM1X1M Datasheet HTML 17Page - HANAMICRON  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
HBM1X1M
Bluetooth V1.2 Class 1 Module
Data Book
5
Application Schematic
L
C
C
10uF
220k
47nF
PIO0
PIO1
PIO2
PIO3
PIO4
PIO5
PIO6
PIO7
PIO8
PIO9
PIO10
PIO11
UART_TXD
UART_RXD
UART_CTS
UART_RTS
VCC
PCM_SYNC
PCM_CLK
PCM_IN
PCM_OUT
RESET
ANT
GND
GND
GND
GND
2
15
44
1
34
22
40
41
43
42
36
37
38
39
OTHER_DEV
UART_TXD
UART_RXD
UART_CTS
UART_RTS
USB_DP
USB_DN
UART_RXD
UART_TXD
UART_RTS
UART_CTS
PCM_SYNC
PCM_CLK
PCM_OUT
PCM_IN
USB_DP
USB_DN
GPIO
BT_EN
HOST
20
19
21
24
28
30
29
16
17
26
18
27
23
25
C
0.01uF
VCC
SPI_CSB
SPI_CLK
SPI_MISO
SPI_MOSI
35
32
33
31
AUDIO OUT
AOUT_N_RIGHT
AOUT_P_RIGHT
AOUT_N_LEFT
AOUT_P_LEFT
AIN_N_RIGHT
AIN_P_RIGHT
AIN_N_LEFT
AIN_P_LEFT
AUDIO IN
AIN_N_RIGHT
AIN_P_RIGHT
AIN_N_LEFT
AIN_P_LEFT
AOUT_N_RIGHT
AOUT_P_RIGHT
AOUT_N_LEFT
AOUT_P_LEFT
3
4
5
6
8
9
10
11
POWER_VCC
POWER_VCC
10uF
12
7
AIO0
AIO3
13
14
VCC
BT_EN
C
10uF
C
0.01uF
IN
GND
EN
OUT
BYP
MIC5259-3.3BD5
VBAT
POWER_VCC
1
2
34
5
C
4.7uF
BT_EN
C
10uF
IN
GND
EN
OUT
BYP
MIC5259-3.3BD5
VBAT
1
2
34
5
C
4.7uF
www.hanamciron.co.kr
17 page / 17 pages


Similar Part No. - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HBM11PT CHENMKO-HBM11PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM12PT CHENMKO-HBM12PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM13PT CHENMKO-HBM13PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM14PT CHENMKO-HBM14PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM15PT CHENMKO-HBM15PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HBM1X1M

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
   Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
   Bluetooth??class 1 module
logo
Delta Electronics, Inc.
DLBM-CS220 DELTA-DLBM-CS220 Datasheet
93Kb / 11P
   A Class 2 Bluetooth V1.2 HCI module Suitable for various applications.
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
logo
Laird Tech Smart Techno...
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
   Enhanced Class 1 Bluetooth v2.1 Module
BT740 LSTD-BT740 Datasheet
1Mb / 31P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
Texas Instruments
CC2560-SN2100 TI-CC2560-SN2100 Datasheet
37Kb / 2P
[Old version datasheet]   Bluetooth Class 1 Module from Murata
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com