Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBH2X1M Datasheet(PDF) 15 Page - HANAMICRON

Part # HBH2X1M
Description  Bluetooth V2.0 EDR Class 2 Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANAMICRON [HANAMICRON]
Direct Link  http://www.hanamicron.com
Logo HANAMICRON - HANAMICRON

HBH2X1M Datasheet(HTML) 15 Page - HANAMICRON

Back Button HBH2X1M Datasheet HTML 8Page - HANAMICRON HBH2X1M Datasheet HTML 9Page - HANAMICRON HBH2X1M Datasheet HTML 10Page - HANAMICRON HBH2X1M Datasheet HTML 11Page - HANAMICRON HBH2X1M Datasheet HTML 12Page - HANAMICRON HBH2X1M Datasheet HTML 13Page - HANAMICRON HBH2X1M Datasheet HTML 14Page - HANAMICRON HBH2X1M Datasheet HTML 15Page - HANAMICRON HBH2X1M Datasheet HTML 16Page - HANAMICRON  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
HBH2X1M
Bluetooth V2.0 + EDR Class 2 Module
Data Book
www.hanamicron.co.kr
15 page / 16 pages
4
Boot Interface Configures
The firmware configures itself when it boots by reading the value on
a set PIO pins
Pin Value
Features
PIO[0] PIO[1] PIO[4]
Host Transport
Auto
System Clock
Auto
Baud Rate
0
0
0
BCSP (Default)
Available
Available
0
0
1
BCSP with UART configured
to use 2 stop bits and no parity
Available
Available
0
1
1
USB, 26 MHz crystal
Not available
Not appropriate
1
0
0
Three-wire UART
Available
Available
1
0
1
H4DS
Available
Available
1
1
0
UART (H4)
Available
Available
1
1
1
Undefined
-
-


Similar Part No. - HBH2X1M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBH COOPER-HBH Datasheet
258Kb / 2P
   Fuse Holders
HBH COOPER-HBH Datasheet
258Kb / 2P
   Fuse Holders HB PCB Series (HBH, HBV, HBW)
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
   5 mm x 20 mm fuse holders
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
   Fuse Holders
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
   Fuse Holders HB PCB Series (HBH, HBV, HBW)
More results

Similar Description - HBH2X1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
logo
DB Lectro Inc
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
   Bluetooth Specification v2.0 EDR Class 1
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
   Bluetooth v2.0 EDR specification
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
   Bluetooth v2.0EDR specification
logo
List of Unclassifed Man...
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
   A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
BT730 ETC2-BT730 Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
DLBM-CR320 ETC-DLBM-CR320 Datasheet
85Kb / 11P
   A Class 2 V2.0EDR Bluetooth HCI module suitable for various (mobile phones) applications
logo
DB Lectro Inc
BCD100 DBLECTRO-BCD100 Datasheet
310Kb / 2P
   Fully qualified with Bluetooth v2.0 EDR specification
logo
Delta Electronics, Inc.
DFBM-CS320 DELTA-DFBM-CS320 Datasheet
72Kb / 10P
   Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com