Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13BBML Datasheet(PDF) 26 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13BBML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13BBML Datasheet(HTML) 26 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13BBML Datasheet HTML 22Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 23Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 24Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 25Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 26Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 27Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 28Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 29Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 30Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
26
© 2013 - SOURIAU
Aluminum backshell Type 04 - Crimp ring
22 Max
Shell
size
ØA Min
ØB Max
09
6
17.9
11
8.2
20.9
13
10.5
24.3
15
13.6
27.9
17
16.9
31.3
19
20
34.3
21
23.2
38.1
23
26.1
41.5
25
28.1
44.4
Thread: See page 27 for information.
Aluminum backshell Type 05 - Band lock
34 Max
Shell
size
ØA Max - Entry size
ØB Max
01
02
09
-
6.6
17.9
11
-
8
24.9
13
8
11.2
29.3
15
11.2
14.4
32.4
17
12.8
16
35.6
19
16
19.1
38.4
21
16
20.7
41.6
23
17.6
23.9
44.8
25
19.1
25.5
47.9
Thread: See page 27 for information.
Aluminum backshell Type 06 - Double cone
HE 308 standard - Screen termination and heat shrink boot
ØC
30.00 Max
Shell size
ØA±0.07
ØB±0.12
ØC±0.12
D±0.07
09
7.1
15.55
19.35
16.7
11
10.25
18.45
23.35
20.7
13
13.05
21.85
25.35
22.7
15
15.25
25.05
28.35
25.7
17
18.45
28.05
31.35
28.7
19
20.65
31.05
34.35
31.7
21
23.85
34.45
38.35
35.7
23
26.95
37.45
41.35
38.7
25
30.15
40.75
44.35
41.7
Thread: See page 27 for information.
Note: All dimensions are in millimeters (mm)


Similar Part No. - MS27468T17Z13BBML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13BBML

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
466511 AAO-466511 Datasheet
1Mb / 37P
MIL-DTL-38999, Series II JT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com