Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13BBML Datasheet(PDF) 23 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13BBML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13BBML Datasheet(HTML) 23 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13BBML Datasheet HTML 19Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 20Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 21Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 22Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 23Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 24Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 25Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 26Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 27Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
23
© 2013 - SOURIAU
Receptacle with PC Tail contact
Type 7 receptacle with wire wrap contacts
Contact size
Contact type
A
B Max
#22D
W (3 wraps)
9.07 / 10.06
16.00
#20
T (2 wraps)
9.7 / 10.06
12.60
A
B
0.86
(see p.39)
Note: All dimensions are in millimeters (mm)
(1) M: Male Contact
F: Female Contact
(2) C: Short PC tail
M: Medium PC tail
L: Long PC tail
S: Specific PC tail
Shell Size
09
11
13
15
17
19
21
23
25
Contact
size
Contact
type (1)
PC tail
contact (2)
ØA
#22D
M & F
C & L
0.70
S
0.50
M
M
0.50
#20
M & F
C
0.70
#16
M & F
C
1.15
B
#22D
M & F
C
4 0
S
5±0 1
L
8.5 0
M
M
6±0 1
#20
M & F
C
5±0 1
#16
M & F
C
5±0 1
C
type 7
8LT
#22D
M
C & L
Max
10.06
Min
9.07
M
Max
10.21
Min
9.23
F
C & L
Max
10.06
Min
8.74
8LT7S
HE308
#22D
M
S
Max
10.23
Min
9.24
F
S
Max
10.23
Min
8.91
8LT/HE308
#20 & #16
M & F
C
Max
10.23
Min
9.24
D
type 0
#22D
M
C & L
Max
15.08
Min
13.91
M
Max
15.22
Min
14.05
F
C & L
Max
15.08
Min
13.58
M
S
Max 15.25
-
15.25
Min
14.08
-
14.08
F
S
Max 15.25
-
15.25
Min
13.75
-
13.75
#20 & #16
M & F
C
Max
15.25
Min
14.08
E
type 2
type 3
#22D
M
C & L
Max
12.47
13.22
Min
11.60
12.35
F
C & L
Max
12.47
13.22
Min
11.27
12.02
M
S
Max 12.64
-
12.64
13.39
Min
11.77
-
11.77
12.52
F
S
Max 12.64
-
12.64
13.39
Min
11.44
-
11.44
12.19
#20 & #16
M & F
C
Max
12.64
13.39
Min
11.77
12.52
0 20
0 20
B
C
B
D
B
E
B
E
Type 7
Jam nut receptacle
Type 0
Square flange receptacle
Type 3
Square flange receptacle (rear mounting)
Type 2
Short square flange receptacle


Similar Part No. - MS27468T17Z13BBML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13BBML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com