Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13BBML Datasheet(PDF) 63 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13BBML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13BBML Datasheet(HTML) 63 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13BBML Datasheet HTML 56Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 57Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 58Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 59Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 60Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 61Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 62Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 63Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 64Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
63
© 2013 - SOURIAU
Product range extension
High Density
PCB Contact without
Shoulder
Pin & socket PCB contacts without shoulder #22D &
#20 as per MIL-DTL-38999 Series I, II & III.
Contacts without shoulder allows a more flexible
mounting on variable PCB thicknesses or depths.
Ruggedized contacts:
. Material: copper alloy
. Finish: gold per MIL-G-45204 type I class 1 over nickel plate
. Sleeve: stainless steel
Flexible mounting:
. Various PCB thicknesses.
. Multiple PCB positioning.
See «PCB contacts without shoulder» product
news on www.souriau.com
See «High Density Connectors» product news on
www.souriau.com
SOURIAU offers a robust & reliable High Density
solution derived from 38999 Series I, Series III
& VG96912.
3 shell sizes available:
. Provides flexibility according to your application.
A reliable & robust solution:
. Same well proven design as standard 38999 & VG96912.
Significant space saving:
. Twice the number of contacts compared to size13-35 with
22 contacts.
. Two shell sizes smaller than a partially populated size 17-35
with 55 cavities.


Similar Part No. - MS27468T17Z13BBML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13BBML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com