Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13BBML Datasheet(PDF) 37 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13BBML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13BBML Datasheet(HTML) 37 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13BBML Datasheet HTML 33Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 34Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 35Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 36Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 37Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 38Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 39Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 40Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BBML Datasheet HTML 41Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
37
© 2013 - SOURIAU
Crimp contacts
Contact size
Contact type
Contact Ø
Conductor section AWG
Conductor section mm²
External Ø over insulator
Min
Max
Min
Max
Min
Max
#26
Pin
0.50
30
24
0.055
0.215
0.60
0.83
Socket
#22D
Pin
0.76
26
22
0.012
0.34
0.76
1.37
Socket
#20
Pin
1.00
24
20
0.21
0.60
1.02
2.11
Socket
#16
Pin
1.60
20
16
0.60
1.34
1.65
2.77
Socket
#16 Coaxial
Pin
RG 174
RG 179
RG 316
1.65
2.60
Socket
#12
Pin
2.40
14
12
1.91
3.18
2.46
3.61
Socket
#12 Coaxial
Pin
RG 174
RG 179
RG 316
2.40
2.60
Socket
Pin
Socket
#10 Power
Pin
3.20
Please consult us
-
2.95
Socket
#8 Power
Pin
3.64
-
8
-
8.98
-
-
Socket
Boot
-
-
-
-
4.50
6.50
-
-
-
-
2.50
4
Reductor
-
-
-
-
-
-
#8 Coaxial
Pin
RG 180 A/U
-
2.80
Socket
Boot
#8 Twinax
Pin
5.50
0,76MIL-C17/176 00002
FILECA F.2703/14
RAYCHEM CHEMINAX 10612
FILOTEX M 17/176 00002
3.15
3.40
Socket
Boot
#4 Power
Pin
5.74
-
3
-
25
-
-
Socket
Pin
5
4
16
21.15
-
-
Socket
Boot
Available for
8599-7534
and 7535
contacts
-
-
-
-
6.35
7.50
-
-
-
-
4
5.80
Reductor cable
10 mm²
-
-
-
-
-
-
#4 Power with
reduced barrel
Pin
6
13.3
-
-
Socket
Boot
-
-
-
-
4
5.80


Similar Part No. - MS27468T17Z13BBML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13BBML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com