Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2543-H03 Datasheet(PDF) 1 Page - CoolCox Limited All rights reserved.

Part # A2543-H03
Description  40 x 40 x 10mm High Quality DC Fan
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLCOX [CoolCox Limited All rights reserved.]
Direct Link  http://www.coolcox.com/
Logo COOLCOX - CoolCox Limited All rights reserved.

A2543-H03 Datasheet(HTML) 1 Page - CoolCox Limited All rights reserved.

  A2543-H03 Datasheet HTML 1Page - CoolCox Limited All rights reserved. A2543-H03 Datasheet HTML 2Page - CoolCox Limited All rights reserved. A2543-H03 Datasheet HTML 3Page - CoolCox Limited All rights reserved. A2543-H03 Datasheet HTML 4Page - CoolCox Limited All rights reserved. A2543-H03 Datasheet HTML 5Page - CoolCox Limited All rights reserved. A2543-H03 Datasheet HTML 6Page - CoolCox Limited All rights reserved. A2543-H03 Datasheet HTML 7Page - CoolCox Limited All rights reserved. A2543-H03 Datasheet HTML 8Page - CoolCox Limited All rights reserved. A2543-H03 Datasheet HTML 9Page - CoolCox Limited All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features:
40mm fans are great for cooling a Northbridge and Southbridge
Two bearing system selection, sleeve or 1 ball 1 sleeve
Low noise
Easy to connect
Our 40mm fans are perfect for any space-limited cooling needs
Specifications:
40 x 40 x 10mm High Quality DC Fan
Item No.
Bearing System
Rated
Voltage
(VDC)
Rated
Current
(AMP)
Input
Power
(Watt)
Fan Speed
(RPM)
Air
Flow
(CFM)
Static
Pressure
(Inch-H2O)
Noise
Level
(dBA)
Dimension
(mm)
4010L05S
4010L05B
4010L05D
Sleeve Bearing
1 Ball Bearing
2 Ball Bearings
5V
0.08
0.40
4,000 ± 10%
4.2
0.07
23
40 X 40 X 10 (mm)
(1.57” X 1.57” X .39”)
4010M05S
4010M05B
4010M05D
Sleeve Bearing
1 Ball Bearing
2 Ball Bearings
5V
0.10
0.50
5,000 ± 10%
5.6
0.10
24
40 X 40 X 10 (mm)
(1.57” X 1.57” X .39”)
4010H05S
4010H05B
4010H05D
Sleeve Bearing
1 Ball Bearing
2 Ball Bearings
5V
0.16
0.80
6,000 ± 10%
6.2
0.13
26
40 X 40 X 10 (mm)
(1.57” X 1.57” X .39”)
4010L12S
4010L12B
4010L12D
Sleeve Bearing
1 Ball Bearing
2 Ball Bearings
12V
0.06
0.72
4,000 ± 10%
4.2
0.07
23
40 X 40 X 10 (mm)
(1.57” X 1.57” X .39”)
4010M12S
4010M12B
4010M12D
Sleeve Bearing
1 Ball Bearing
2 Ball Bearings
12V
0.09
1.08
5,000 ± 10%
5.6
0.10
24
40 X 40 X 10 (mm)
(1.57” X 1.57” X .39”)
4010H12S
4010H12B
4010H12D
Sleeve Bearing
1 Ball Bearing
2 Ball Bearings
12V
0.12
1.44
6,000 ± 10%
6.2
0.13
26
40 X 40 X 10 (mm)
(1.57” X 1.57” X .39”)
4010L24S
4010L24B
4010L24D
Sleeve Bearing
1 Ball Bearing
2 Ball Bearings
24V
0.04
0.96
4,000 ± 10%
4.2
0.07
23
40 X 40 X 10 (mm)
(1.57” X 1.57” X .39”)
4010M24S
4010M24B
4010M24D
Sleeve Bearing
1 Ball Bearing
2 Ball Bearings
24V
0.06
1.44
5,000 ± 10%
5.6
0.10
24
40 X 40 X 10 (mm)
(1.57” X 1.57” X .39”)
4010H24S
4010H24B
4010H24D
Sleeve Bearing
1 Ball Bearing
2 Ball Bearings
24V
0.10
2.40
6,000 ± 10%
6.2
0.13
26
40 X 40 X 10 (mm)
(1.57” X 1.57” X .39”)


Similar Part No. - A2543-H03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2543B ETC1-A2543B Datasheet
16Kb / 1P
   LOW PROFILE ANTENNA 440-512 MHz 3dB gain
A2543W ETC1-A2543W Datasheet
16Kb / 1P
   LOW PROFILE ANTENNA 440-512 MHz 3dB gain
More results

Similar Description - A2543-H03

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD4010 ORIONFANS-OD4010_16 Datasheet
282Kb / 1P
   DC Fan - 5, 12, 24V 40 x 10mm (1.58??x 0.39??
logo
NTE Electronics
77-4010D12 NTE-77-4010D12 Datasheet
266Kb / 1P
   Fan, DC Types, 40 x 40mm
logo
ORION FANS
OD2510 ORIONFANS-OD2510_16 Datasheet
1Mb / 3P
   DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
OD2510-05H ORIONFANS-OD2510-05H Datasheet
2Mb / 3P
   DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
logo
List of Unclassifed Man...
420J ETC2-420J Datasheet
221Kb / 1P
   DC axial fans Series 420 J 40 x 40 x 28 mm
logo
Torex Semiconductor
QFN0404-24C TOREX-QFN0404-24C Datasheet
205Kb / 3P
   40 x 40 mm (1600mm2)
logo
List of Unclassifed Man...
9GA0412P7G001 ETC2-9GA0412P7G001 Datasheet
111Kb / 2P
   DC Fan San Ace 40
109P0405H901 ETC2-109P0405H901_14 Datasheet
96Kb / 2P
   DC Fan San Ace 40
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
89830011 ETC2-89830011 Datasheet
96Kb / 1P
   4 x M5 at 90째, depth 10mm and 40 mm diameter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com