Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63YXA10M5X11 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 63YXA10M5X11
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

63YXA10M5X11 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  63YXA10M5X11 Datasheet HTML 1Page - RUBYCON CORPORATION 63YXA10M5X11 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV(V.DC)
Cap(μF)
WV(V.DC)
Cap(μF)
0.1
0.15
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
22000
5×11
1
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
5×11
1.5
5×11
2.5
5×11
4
5×11
7
5×11
13
5×11
20
5×11
25
5×11
32
5×11
47
5×11
70
5×11
94
6.3×11
115
8×11.5
200
5×11
64
5×11
69
5×11
84
5×11
77
5×11
100
6.3×11
170
6.3×11
140
240
5×11
80
5×11
130
5×11
105
6.3×11
175 6.3×11
220
10×12.5
300
335
5×11
48
5×11
80
6.3×11
140
10×16
390
6.3×11
100
10×12.5
230
10×12.5
360
10×12.5
400
16×35.5 1680
18×35.5 1920
8×11.5
375
8×11.5
1900
16×31.5
2070
18×35.5
270
8×11.5
540
8×11.5
295
6.3×11
235
10×12.5
1950
16×35.5
2180
18×35.5
10×12.5
10×12.5
440
16×31.5 1800
18×35.5 2050
18×35.5 1780
16×35.5 1600
18×35.5 1650
10×16
470
10×20
600
12.5×25
1060
10×16
525
12.5×20
865
16×25
1370
12.5×25
1230
10×20
740
12.5×20
1050
10×16
640
16×25
1500
12.5×25
1300
16×25
1650
12.5×20
1100
10×20
860
12.5×25
1350
16×25
1700
16×25
1700
18×40
2350
5×11
96
5×11
8
5×11
15
5×11
21
5×11
30
5×11
35
5×11
60
6.3×11
98
10×20
290
12.5×25
560
10×16
125
10×20
170
12.5×25
320
12.5×20
210 12.5×20
220
12.5×20
200
16×25
340
16×25
220
18×40
415
12.5×25
175
16×25
220
18×40
415
12.5×25
170
12.5×20
85
10×16
55
12.5×25
690
16×25
880
18×40
985
5×11
160
460
6.3×11
275
6.3×11
210
8×11.5
2090
16×35.5
140
8×11.5
185
10×12.5
6.3×11
43
6.3×11
36
10×20
135
8×11.5
50
8×11.5
43
8×11.5
53
16×31.5
400
10×12.5
80
18×35.5
580
10×20
95
6.3×11
30
10×16
90
12.5×25
240
12.5×20
200
12.5×20
150
6.3×11
16
6.3×11
16
6.3×11
8
6.3×11
16
6.3×11
8
77
8×11.5
55
10×12.5
260
16×31.5
45
10×12.5
31
8×11.5
41
10×12.5
275
16×31.5
31
155
115
67
42
15
33
185
25
10×12.5
10×16
10×20
12.5×20
16×25
10×12.5
16×31.5
16×35.5
8×11.5
700
18×35.5
580
16×35.5
10×20
985
10×20
775
12.5×20
1150
12.5×25
1480
10×20
540
12.5×20
700
16×25
1200
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 120Hz)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXA
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
6.3
(0J)
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
63
(1J)
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
100
(2A)
160
(2C)
200
(2D)
250
(2E)
350
(2V)
400
(2G)
450
(2W)


Similar Part No. - 63YXA10M5X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
63YXF10000M16X315 RUBYCON-63YXF10000M16X315 Datasheet
92Kb / 6P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXF1000M10X125 RUBYCON-63YXF1000M10X125 Datasheet
92Kb / 6P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXF1000M16X315 RUBYCON-63YXF1000M16X315 Datasheet
92Kb / 6P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXF100M10X125 RUBYCON-63YXF100M10X125 Datasheet
92Kb / 6P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXF100M5X11 RUBYCON-63YXF100M5X11 Datasheet
92Kb / 6P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 63YXA10M5X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com