Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63YXA10M5X11 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 63YXA10M5X11
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

63YXA10M5X11 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  63YXA10M5X11 Datasheet HTML 1Page - RUBYCON CORPORATION 63YXA10M5X11 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
Characteristics
−25∼+105℃
350∼450V.DC
−55∼+105℃
6.3∼100V.DC
−40∼+105℃
160∼250V.DC
160∼450V.DC
6.3∼100V.DC
±20%(20℃, 120Hz)
Rated Voltage
(V)
tanδ
0.26
6.3
0.22
10
0.18
16
0.16
25
0.14
35
0.12
50
0.10
63
0.08
100
0.20 0.20 0.20 0.24 0.24
160 200 250 350 400
0.24
450
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
6.3
8
10
6
16
4
25
4
35
3
43222
50
3
2
63
3
2
100
3
2
160
3
200
3
250
3
350
6
400
6
450
6
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
CV≦1000
CV>1000
(20℃, 120Hz)
(120Hz)
I
=0.1CV+40
μA (1minute)
I
=0.03CV+15
μA (5minutes)
I
=0.04CV+100
μA (1minute)
I
=0.02CV+25
μA (5minutes)
◆DIMENSIONS
(mm)
2.0
φD
φd
F
α
5
0.5
6.3
8
2.5
3.5
5.0
10
0.6
7.5
0.8
2.0
12.5
16
18
100V以下 WV≦100:1.5
160V以上 WV≧160:2.0
YXA
YXF, YXG, ZL, ZLH
Low Impedance
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
I
=0.01CV or 3μA whichever is greater.
(After 2 minutes application of rated voltage)
I
Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
After life test with rated ripple current at conditions stated in the table below, the capacitors shall meet the following requirements.
Case Dia
Life Time
(hrs)
φD≦8
1000
φD=10
2000
φD≧12.5
3000
◆PART NUMBER
□□□
Rated Voltage
YXA
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance
Frequency
(Hz)
Coefficient
60
(50) 120
500
1k 10k≦
0.80 1.00 1.20 1.30 1.50
0.80 1.00 1.10 1.15 1.20
10∼47μF
0.50 1.00 1.20 1.30 1.50
0.1∼1μF
0.65 1.00 1.20 1.30 1.50
2.2∼4.7μF
100∼1000μF
0.80 1.00 1.05 1.10 1.15
2200∼22000μF
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXA
SERIES
YXA
105℃ Standard
◆FEATURES
RoHS compliance.
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE


Similar Part No. - 63YXA10M5X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
63YXF10000M16X315 RUBYCON-63YXF10000M16X315 Datasheet
92Kb / 6P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXF1000M10X125 RUBYCON-63YXF1000M10X125 Datasheet
92Kb / 6P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXF1000M16X315 RUBYCON-63YXF1000M16X315 Datasheet
92Kb / 6P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXF100M10X125 RUBYCON-63YXF100M10X125 Datasheet
92Kb / 6P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXF100M5X11 RUBYCON-63YXF100M5X11 Datasheet
92Kb / 6P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 63YXA10M5X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
AXW RUBYCON-AXW Datasheet
47Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NLEL NIC-NLEL Datasheet
285Kb / 5P
Miniature Aluminum Electrolytic Capacitors
NRELS NIC-NRELS Datasheet
87Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com