Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13SBML Datasheet(PDF) 47 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13SBML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13SBML Datasheet(HTML) 47 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13SBML Datasheet HTML 43Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 44Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 45Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 46Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 47Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 48Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 49Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 50Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 51Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
47
© 2013 - SOURIAU
Shell size
Part numbers for standard cap
Part numbers for antistatic cap
Caps for receptacle
Caps for plug
Caps for receptacle
Caps for plug
09
8500-5594
70609
MS90376-10RF
MS90376-14RF
11
MS90376-12R
MS90376-16Y
MS90376-12RF
MS90376-16RF
13
8500-5588A
8500-5600
8500-5588N
8500-5600N
15
8500-5589A
8500-5601
MS90376-18YF
8500-5601N
17
MS90376-20YF
8500-5602
MS90376-20YF
8500-5602N
19
8500-5601
8500-5592A
8500-5601N
8500-5592N
21
8500-5602
8500-5593A
8500-5602N
8500-5593N
23
MS90376-24R
MS90376-24R
MS90376-24RF
-
25
8500-5593A
J599ABC6009A00
8500-5593N
-
Protective caps
Plastic protective caps
Basic series
8LT
E
01
B
13
Cap type
E: Cap for receptacle
F: Cap for plug
Fixing type
Cap for receptacle
01: Plastic sleeved metal cord with eyelet
02: Plastic sleeved metal cord with ring
04: Nylon cord with eyelet
06: Nylon cord with ring
10: Black nylon cord with eyelet
Cap for plug
01: Plastic sleeved metal cord with eyelet
03: Nylon cord without fastener
05: Nylon cord with eyelet
07: Nylon cord with strap
Plating
B: Olive green cadmium
F: Nickel
Shell size:
09 - 11 - 13 - 15 - 17 - 19 - 21 - 23 - 25
Metalic protective caps - Ordering
Reductors
Reductor Size
Part number
For cable
For pin contacts
For socket contacts
#8 Power
8599-7645
#10
8599-7580
8599-7581
#4 Power
8400-2352A
10 mm²
8599-7534A
8599-7535A


Similar Part No. - MS27468T17Z13SBML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13SBML

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
466511 AAO-466511 Datasheet
1Mb / 37P
MIL-DTL-38999, Series II JT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com