Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13SBML Datasheet(PDF) 39 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13SBML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13SBML Datasheet(HTML) 39 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13SBML Datasheet HTML 35Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 36Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 37Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 38Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 39Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 40Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 41Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 42Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13SBML Datasheet HTML 43Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
39
© 2013 - SOURIAU
Crimp contacts: 1500 mating
Wire wrap contacts
Coaxial contacts #12
Designation
Part number
Coax socket solder contact #12
THA1-0151A
Coax pin solder contact #12
THA1-0152A
Coax pin crimp contact #12
THA1-0155A
Coax socket crimp contact #12
THA1-0156A
Contact
size
MIL-DTL-38999 contacts
Contact type
Part number
Color code
#22D
Pin (H)
M39029/107 620
Blue / Red / Black
Socket (J)
M39029/106 614
Blue / Brown / Yellow
#20
Pin (H)
M39029/107 621
Blue / Red / Brown
Socket (J)
M39029/106 615
Blue / Brown / Green
#16
Pin (H)
M39029/107 622
Blue / Red / Red
Socket (J)
M39029/106 616
Blue / Brown / Blue
#12
Pin (H)
M39029/107 623
Blue / Red / Orange
Socket (J)
M39029/106 617
Blue / Brown / Gray
Contact
size
Contact
type
Part number
Contact Ø
(mm)
Profile
(mm)
#22D
Pin
8599-0790 JJ
0.76
0.86
#20
Pin
8599-0791 900
1
0.86
Quadrax #8 contacts
Contact type
Version
Souriau
Part Number
Cross Norm
Impedance
Sealing
Release
Pin
PCB mount
ETH1-1237A
-
125°C
100Ω
Sealed
Rear
ETH1-1501A
-
150Ω
Crimp
ETH1-1345A
EN3155-074
200°C
100Ω
ETH1-1503A
-
150Ω
Socket
PCB mount
ETH1-1238A
-
125°C
100Ω
ETH1-1502A
-
150Ω
Crimp
ETH1-1346A
EN3155-075
200°C
100Ω
ETH1-1504A
-
150Ω
Solder cup
For other contacts type please consult us.
Contact
size
Contact type
Part number
#22D
Pin
8599-0750 900
#20
Pin
8599-0077A 900
#16
Pin
8599-7482A 900
#12
Socket
8599-7485A 900


Similar Part No. - MS27468T17Z13SBML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13SBML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com