Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YW1B-V4E21R Datasheet(PDF) 8 Page - IDEC Corporation

Part # YW1B-V4E21R
Description  Emergency Stop Switches
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

YW1B-V4E21R Datasheet(HTML) 8 Page - IDEC Corporation

Back Button YW1B-V4E21R Datasheet HTML 4Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 5Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 6Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 7Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 8Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 9Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 10Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 11Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 12Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
8
Third-generation emergency stop switch with Reverse Energy Structure
Smallest in its class
• Two button sizes—ø30mm and ø40mm
• Two button colors—red for emergency stop switch and
yellow for stop switch
• Two ways of resetting —pulling and turning.
• UL, c-UL recognized, EN compliant.
• Safety lock mechanism (IEC 60947-5-5; 6.2)
• Direct opening action (IEC 60947-5-5; 5.2, IEC 60947-5-
1, Annex K)
• Degree of protection: IP65 (IEC60529)
Specifications
Applicable Standards
IEC 60947-5-1, EN 60947-5-1
IEC 60947-5-5 (Note), EN 60947-5-5 (Note)
JIS C8201-5-1, JIS C8201-5-5, UL508,
CSA C22.2 No.14, GB14048.5
Operating
Temperature
–25 to +60°C (no freezing)
Storage Temperature
–45 to +80°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Operating Force
Push to lock: 10.5N
Pull to reset: 8.8N
Turn to reset: 0.17 N·m
Minimum Force
Required for Direct
Opening Action
40N
Minimum Operator
Stroke Required for
Direct Opening Action
4.5 mm
Maximum Operator
Stroke
4.5 mm
Contact Resistance
50 m
Ω maximum (initial value)
Insulation Resistance 100 M
Ω minimum (500V DC megger)
Overvoltage Category II
Impulse Withstand
Voltage
2.5 kV
Pollution Degree
3
Operation Frequency
900 operations/hour
Shock Resistance
Operation extremes: 150 m/s2
Damage limits:
1000 m/s2
Vibration Resistance
Operation extremes: 10 to 500 Hz
amplitude 0.35 mm, acceleration 50 m/s2
Damage limits: 10 to 500 Hz,
amplitude 0.35 mm, acceleration 50 m/s2
Mechanical Life
100,000 operations minimum
Electrical Life
100,000 operations minimum
Degree of Protection
IP65 (IEC 60529)
Short-circuit
Protection
250V/10A fuse
(Type aM IEC 60269-1/IEC 60269-2)
Conditional
Short-circuit Current
1000A
Terminal Style
Solder terminal
Recommended
Tightening Torque for
Locking Ring
0.88 N·m
Applicable Wire Size
1.25 mm2 maximum
Terminal Soldering
Condition
310 to 350°C, within 3 seconds
Weight (approx.)
ø30mm button: 13g
ø40mm button: 16g
Note: Except for stop switch (yellow button)
Standards
Applicable Standards
Mark
File No. or Organization
UL508
CSA C22.2 No.14
UL/c-UL Recognition
File No.E68961
EN60947-5-1
EN60947-5-5
(note)
TÜV SÜD
EU low voltage directive
GB14048.5
CCC No. 2012010305525957
(Stop switch:
CCC No. 2012010305525958)
• Stop switch (yellow button) is EN60947-5-1.
Contact Ratings
Rated Insulation Voltage (Ui)
250V
Rated Thermal Current (Ith)
5A
Rated Operating Voltage (Ue)
30V
125V
250V
AC
50/60 Hz
Resistive
Load (AC-12)
5A
3A
Inductive
Load (AC-15)
1.5A
0.75A
DC
Resistive
Load (DC-12)
2A
0.4A
0.2A
Inductive
Load (DC-13)
1A
0.22A
0.1A
• Minimum applicable load: 5V AC/DC, 1 mA (reference value)
(May vary depending on the operating conditions and load)
• Operational current represents the classification by making and
breaking currents (IEC 60947-5-1).
Note:
TÜV/CCC rating: AC-15 0.75A/250V, DC-13 1A/30V
UL rating:
Standard Duty AC 0.75A/250V
Standard Duty DC 1A/30V
X6 Series Emergency Stop Switches (Unibody)
ø16


Similar Description - YW1B-V4E21R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
Emergency stop switches • panel cut-out Ø 16 mm
2018
logo
Schneider Electric
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
logo
Pepperl+Fuchs Inc.
VAZ-2E1A-F85A-S PF-VAZ-2E1A-F85A-S Datasheet
738Kb / 3P
Emergency stop button
2021-04-08
logo
Schneider Electric
ZBY9330 SCHNEIDER-ZBY9330 Datasheet
93Kb / 2P
marked legend 횠60 for emergency stop - EMERGENCY STOP/logo ISO13850
logo
Omron Electronics LLC
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
logo
PHOENIX CONTACT
2819189 PHOENIX-2819189 Datasheet
79Kb / 5P
Emergency-stop Y plug
logo
List of Unclassifed Man...
VCF5 ETC2-VCF5 Datasheet
70Kb / 2P
TeSys Vario - emergency stop switch
logo
Pepperl+Fuchs Inc.
VAZ-F85A-MH PF-VAZ-F85A-MH Datasheet
108Kb / 1P
Mounting aid for EMERGENCY STOP button
2015-01-13
logo
Banner Engineering Corp...
SSA-EB BANNER-SSA-EB Datasheet
763Kb / 4P
SSA-EB Series Emergency Stop Buttons
logo
Schneider Electric
ZBY9330T SCHNEIDER-ZBY9330T Datasheet
119Kb / 2P
Harmony XB4, Legend holder 횠60 for emergency stop, plastic, yellow, for padlocking,marked EMERGENCY STOP
Jan 22, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com