Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YW1B-V4E21R Datasheet(PDF) 6 Page - IDEC Corporation

Part # YW1B-V4E21R
Description  Emergency Stop Switches
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

YW1B-V4E21R Datasheet(HTML) 6 Page - IDEC Corporation

Back Button YW1B-V4E21R Datasheet HTML 2Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 3Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 4Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 5Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 6Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 7Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 8Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 9Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 10Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
6
Emergency Stop Switches Selection Diagram
Accessories
ø16mm
Mount Hole
ø22mm
Mount Hole
ø30mm
Mount Hole
Emergency
Stop
Nameplate
Pushlock
Pull or
Turn
Reset
Pushlock
Turn
Reset
Pushlock
Turn
Reset
Pushlock
Turn
Reset
Pushlock
Turn
Reset
Pushlock
Key
Reset
Pushlock
Pull
Reset
ø29mm
Button
ø40mm
Button
ø40mm
Button
ø40mm
Button
ø40mm
Button
Pushlock
Turn
Reset
ø40mm
Button
Pushlock
Turn
Reset
ø40mm
Button
ø40mm
Button
ø40mm
Button
ø40mm
Button
ø60mm
Button
ø22mm
Mount
Hole
Detachable
Contact
Block
Unibody
Unibody
Unibody
Unibody
ø30mm
Mount
Hole
Non
illuminated
Non
illuminated
Illuminated
Illuminated
Detachable
Contact
Block
Model
Applicable
Standards
Mark
Page
YW1B-V4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
41
HW1B-V3
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
34
HW1B-V4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
34
HW1B-V5
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
34
HW1B-X4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
35
HW1B-Y2
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
35
HW1E-BV4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
32
YW1L-V4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
41
HW1E-LV4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
32
HN1E-BV4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
55
HN1E-LV4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
55
HAAV
IEC 60947-5-5
IEC 60204-1
11
28
53
HWAV
HNAV


Similar Description - YW1B-V4E21R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
Emergency stop switches • panel cut-out Ø 16 mm
2018
logo
Schneider Electric
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
logo
Pepperl+Fuchs Inc.
VAZ-2E1A-F85A-S PF-VAZ-2E1A-F85A-S Datasheet
738Kb / 3P
Emergency stop button
2021-04-08
logo
Schneider Electric
ZBY9330 SCHNEIDER-ZBY9330 Datasheet
93Kb / 2P
marked legend 횠60 for emergency stop - EMERGENCY STOP/logo ISO13850
logo
Omron Electronics LLC
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
logo
PHOENIX CONTACT
2819189 PHOENIX-2819189 Datasheet
79Kb / 5P
Emergency-stop Y plug
logo
List of Unclassifed Man...
VCF5 ETC2-VCF5 Datasheet
70Kb / 2P
TeSys Vario - emergency stop switch
logo
Pepperl+Fuchs Inc.
VAZ-F85A-MH PF-VAZ-F85A-MH Datasheet
108Kb / 1P
Mounting aid for EMERGENCY STOP button
2015-01-13
logo
Banner Engineering Corp...
SSA-EB BANNER-SSA-EB Datasheet
763Kb / 4P
SSA-EB Series Emergency Stop Buttons
logo
Schneider Electric
ZBY9330T SCHNEIDER-ZBY9330T Datasheet
119Kb / 2P
Harmony XB4, Legend holder 횠60 for emergency stop, plastic, yellow, for padlocking,marked EMERGENCY STOP
Jan 22, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com